Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1203IRGTT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS1203IRGTT
Descripción Electrónicos  16-Bit Resolution 14-Bit Linearity 짹250mV Input Range with Single 5V Supply
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1203IRGTT Datasheet(HTML) 3 Page - Texas Instruments

  ADS1203IRGTT Datasheet HTML 1Page - Texas Instruments ADS1203IRGTT Datasheet HTML 2Page - Texas Instruments ADS1203IRGTT Datasheet HTML 3Page - Texas Instruments ADS1203IRGTT Datasheet HTML 4Page - Texas Instruments ADS1203IRGTT Datasheet HTML 5Page - Texas Instruments ADS1203IRGTT Datasheet HTML 6Page - Texas Instruments ADS1203IRGTT Datasheet HTML 7Page - Texas Instruments ADS1203IRGTT Datasheet HTML 8Page - Texas Instruments ADS1203IRGTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
ADS1203
SBAS318C − JUNE 2004 − REVISED JANUARY 2008
www.ti.com
3
ELECTRICAL CHARACTERISTICS
Over recommended operating free-air temperature range at −40
°C to +125°C, AVDD = BVDD = +5V or VDD = +5V, VIN+ = −250mV to +250mV,
VIN− = 0V, Mode 3, MCLK input = 20MHz, and 16-bit Sinc3 filter, with OSR = 256, unless otherwise noted.
ADS1203I
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNITS
Resolution
16
Bits
DC Accuracy
INL
Integral linearity error(2)
±1
±4
LSB
INL
Integral linearity error(2)
TA = −40°C to +85°C
±3
LSB
DNL
Differential nonlinearity(3)
±1
LSB
VOS
Input offset(4)
±220
±1000
µV
TCVOS
Input offset drift
±3.5
±8
µV/°C
GERR
Gain error(4)
REFIO = internal 2.5V
±0.2
±1.4
%
GERR
Gain error(4)
REFIO = internal 2.5V, TA = −40°C to +85°C
−1
1
%
TCGERR
Gain error drift
±30
ppm/
°C
TCGERR
Gain error drift
TA = −40°C to +85°C
±20
ppm/
°C
PSRR
Power-supply rejection ratio
4.5V < AVDD or VDD < 5.5V
80
dB
Analog Input
FSR
Full-scale differential range
(VIN+) − (VIN−)
±320
mV
Operating common-mode
signal(3)
−0.1
5
V
Input capacitance
Common-mode
3
pF
Input leakage current
±16
nA
Input leakage current
TA = −40°C to +85°C
±1
nA
Differential input resistance
Equivalent
28
k
Differential input capacitance
5
pF
CMRR
Common-mode rejection ratio
At DC
92
dB
CMRR
Common-mode rejection ratio
VIN = 0V to 5V at 50kHz
105
dB
Internal Clock for Modes 0, 1, and 2
Clock frequency
8.7
10
11
MHz
Clock frequency
TA = −40°C to +85°C
9
11
MHz
External Clock for Mode 3
Clock frequency(5)
16
20
24
MHz
(1) All typical values are at T
A = +25
°C.
(2) Integral nonlinearity is defined as the maximum deviation of the line through the end points of the specified input range of the transfer curve
for VIN+ = −250mV to +250mV, expressed either as the number of LSBs or as a percent of measured input range (500mV).
(3) Ensured by design.
(4) Maximum values, including temperature drift, are ensured over the full specified temperature range.
(5) With reduced accuracy, the supported external clock frequency range is 1MHz up to 32MHz.
(6) Available only for QFN package.
(7) Applicable for 5.0V nominal supply: BV
DD = 4.5V to 5.5V.
(8) Applicable for 3.0V nominal supply: BV
DD = 2.7V to 3.6V.
(9) Measured with CLKOUT pin not loaded.


Número de pieza similar - ADS1203IRGTT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1203IRGTT TI1-ADS1203IRGTT Datasheet
783Kb / 33P
[Old version datasheet]   Motor control, current measurement
ADS1203IRGTTG4 TI1-ADS1203IRGTTG4 Datasheet
783Kb / 33P
[Old version datasheet]   Motor control, current measurement
More results

Descripción similar - ADS1203IRGTT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX1157 MAXIM-MAX1157 Datasheet
301Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 1/03
MAX1156 MAXIM-MAX1156 Datasheet
298Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2736; Rev 0; 1/03
MAX1142 MAXIM-MAX1142 Datasheet
1Mb / 20P
   14-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2037; Rev 0; 5/01
MAX1178 MAXIM-MAX1178 Datasheet
330Kb / 14P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
MAX1179 MAXIM-MAX1179 Datasheet
329Kb / 15P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2675; Rev 1; 1/03
MAX1188AEUP MAXIM-MAX1188AEUP Datasheet
336Kb / 14P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
MAX1132 MAXIM-MAX1132 Datasheet
388Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2083; Rev 0; 8/01
MAX1132ACAP MAXIM-MAX1132ACAP Datasheet
252Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Rev 0; 8/01
MAX1177 MAXIM-MAX1177 Datasheet
293Kb / 13P
   16-Bit, 135ksps, Single-Supply ADC with 0 to 10V Input Range
Rev 0; 8/03
logo
Texas Instruments
DAC39J82 TI1-DAC39J82 Datasheet
2Mb / 144P
[Old version datasheet]   Resolution: 16-Bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com