Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1245 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS1245
Descripción Electrónicos  Low-Power, 24-Bit Analog-to-Digital Converter`
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1245 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1245 Datasheet HTML 3Page - Texas Instruments ADS1245 Datasheet HTML 4Page - Texas Instruments ADS1245 Datasheet HTML 5Page - Texas Instruments ADS1245 Datasheet HTML 6Page - Texas Instruments ADS1245 Datasheet HTML 7Page - Texas Instruments ADS1245 Datasheet HTML 8Page - Texas Instruments ADS1245 Datasheet HTML 9Page - Texas Instruments ADS1245 Datasheet HTML 10Page - Texas Instruments ADS1245 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
ADS1245
SBAS287A − JUNE 2003 − REVISED SEPTEMBER 2003
www.ti.com
7
OVERVIEW
The ADS1245 is an ADC comprised of a 3rd-order modulator
followed by a digital filter. The modulator measures the
differential input signal VIN = (AINP – AINN) against the
differential reference VREF = (VREFP – VREFN). Figure 15
shows a conceptual diagram. The differential reference is
scaled internally so that the full-scale input range is
±2VREF.
The digital filter receives the modulator signal and provides
a low-noise digital output. The filter also sets the frequency
response of the converter and provides 50Hz and 60Hz
rejection while settling in a single conversion cycle. A
two-wire serial interface indicates conversion completion and
provides the user with the output data.
Modulator
Digital
Filter and
Serial
Interface
Σ
2
VREFP VREFN
V
REF
DRDY/DOUT
SCLK
CLK
2V
REF
Σ
V
IN
AINN
AINP
X1
X1
Figure 15. Conceptual Diagram of the ADS1245
ANALOG INPUTS (AINP, AINN)
The input signal to be measured is applied to the input pins
AINP and AINN. The ADS1245 features a low-drift
chopper-stabilized buffer to achieve very high input
impedance. The input impedance can be modeled by
resistors, as shown in Figure 16. The impedance scales
inversely with fCLK frequency. For example, if the frequency
of fCLK is reduced by a factor of two, the impedances ZeffA
and ZeffB will double.
Zeff
A = 280GΩ
Zeff
B = 3.46GΩ
Zeff
A = 280GΩ
f
CLK =2.4576MHz.
AINP
AINN
AVDD/2
AVDD/2
Figure 16. Effective Analog Input Impedances
The ADS1245 accepts differential input signals, but can
also measure unipolar signals. Note that the analog inputs
(listed in the Electrical Characteristics table as Absolute
Input Range) must remain between GND + 0.1V to
AVDD − 1.25V. Exceeding this range will degrade linearity
and result in performance outside specified limits.
VOLTAGE REFERENCE INPUTS
(VREFP, VREFN)
The voltage reference used by the modulator is generated
from the voltage difference between VREFP and VREFN:
VREF = VREFP – VREFN. A simplified diagram of the
circuitry on the reference inputs is shown in Figure 17. The
switches and capacitors can be modeled with an effective
impedance equal to:
t
SAMPLE
2
25pF
+ 1MW for f
CLK + 2.4576MHz
25pF
S
2
S
1
S
1
AVDD
VREFP
VREFN
AVDD
ESD
Protection
ON
OFF
ON
S
1
S
2
OFF
t
SAMPLE = 128/fCLK
Figure 17. Simplified Reference Input Circuitry
The ADS1245 is specified for operation with VREF = 1.25V,
resulting in a full−scale input value of
±2.5V. However, the
buffered analog inputs can accept voltages within the
range of 0.10V to 3.75V, resulting in a maximum VIN of
±3.65V. Input voltages can be accurately measured over
this entire range if a voltage reference of 1.825V is pro-
vided. In any case, digital output codes will clip to the full
scale value if the absolute input voltage range exceeds
2VREF.


Número de pieza similar - ADS1245

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS1245 BURR-BROWN-ADS1245 Datasheet
254Kb / 19P
   Low-Power, 24-Bit Analog-to-Digital Converter
ADS1245IDGSR BURR-BROWN-ADS1245IDGSR Datasheet
254Kb / 19P
   Low-Power, 24-Bit Analog-to-Digital Converter
ADS1245IDGST BURR-BROWN-ADS1245IDGST Datasheet
254Kb / 19P
   Low-Power, 24-Bit Analog-to-Digital Converter
More results

Descripción similar - ADS1245

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1245 BURR-BROWN-ADS1245 Datasheet
254Kb / 19P
   Low-Power, 24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1244 TI1-ADS1244_14 Datasheet
931Kb / 25P
[Old version datasheet]   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1253 TI-ADS1253 Datasheet
369Kb / 16P
[Old version datasheet]   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1254 BURR-BROWN-ADS1254 Datasheet
281Kb / 15P
   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1251 TI1-ADS1251_15 Datasheet
903Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251 TI-ADS1251 Datasheet
323Kb / 17P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1253 TI1-ADS1253_14 Datasheet
731Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251UG4 TI-ADS1251UG4 Datasheet
885Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1254 TI1-ADS1254_14 Datasheet
719Kb / 24P
[Old version datasheet]   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com