Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1245IDGSTG4 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza ADS1245IDGSTG4
Descripción Electrónicos  Low-Power, 24-Bit Analog-to-Digital Converter`
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1245IDGSTG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS1245IDGSTG4 Datasheet HTML 7Page - Texas Instruments ADS1245IDGSTG4 Datasheet HTML 8Page - Texas Instruments ADS1245IDGSTG4 Datasheet HTML 9Page - Texas Instruments ADS1245IDGSTG4 Datasheet HTML 10Page - Texas Instruments ADS1245IDGSTG4 Datasheet HTML 11Page - Texas Instruments ADS1245IDGSTG4 Datasheet HTML 12Page - Texas Instruments ADS1245IDGSTG4 Datasheet HTML 13Page - Texas Instruments ADS1245IDGSTG4 Datasheet HTML 14Page - Texas Instruments ADS1245IDGSTG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
ADS1245
SBAS287A − JUNE 2003 − REVISED SEPTEMBER 2003
www.ti.com
11
DATA FORMAT
The ADS1245 outputs 24 bits of data in Binary Two’s
Complement format. The least significant bit (LSB) has a
weight of (2VREF)/(223 − 1). A positive full-scale input
produces an output code of 7FFFFFh and the negative
full-scale input produces an output code of 8000000h. The
output clips at these codes for signals exceeding
full-scale. Table 1 summarizes the ideal output codes for
different input signals.
Table 1. Ideal Output Code vs Input Signal
INPUT SIGNAL VIN (AINP − AINN)
IDEAL OUTPUT CODE(1)
≥ +2VREF
7FFFFFH
) 2V
REF
(223)
* 1
000001H
0
000000H
* 2V
REF
(223)
* 1
FFFFFFH
v* 2V
REF
223
(223)
* 1
800000H
NOTE: (1) Excludes effects of noise, INL, offset, and gain errors.
DATA RETRIEVAL
The ADS1245 continuously converts the analog input
signal. To retrieve data, wait until DRDY/DOUT goes low,
as shown in Figure 24. After this occurs, begin shifting out
the data by applying SCLKs. Data is shifted out most
significant bit (MSB) first. It is not required to shift out all the
24 bits of data, but the data must be retrieved before the
new data is updated (see t3) or else it will be overwritten.
Avoid
data
retrieval
during
the
update
period.
DRDY/DOUT remains at the state of the last bit shifted out
until it is taken high (see t7), indicating that new data is
being updated.
To avoid having DRDY/DOUT remain in the state of the
last bit, shift a 25th SCLK to force DRDY/DOUT high; see
Figure 25. This technique is useful when a host controlling
the ADS1245 is polling DRDY/DOUT to determine when
data is ready.
DRDY/DOUT
23
22
21
124
0
LSB
MSB
Data
Data is ready.
SCLK
t3
t
8
t4
t
4
t7
New data is ready.
t5
t6
SYMBOL
DESCRIPTION
MIN
MAX
UNITS
(1) Load on DRDY/DOUT = 20pF||100k
Ω.
(2) Values given for fCLK = 2.4576MHz. For different CLK frequencies, scale
proportional to CLK period. For example, for fCLK = 4.9152MHz, t8
→33.333ms.
t3
t4
t5 (1)
t6
t7
t8 (2)
DRDY/DOUT low to first SCLK rising edge.
SCLK positive or negative pulse width.
SCLK rising edge to new data bit valid;
propagation delay.
SCLK rising edge to old data bit valid: hold time.
Data updating, no read back allowed.
Conversion time (1/data rate).
0
100
50
0
152
66.667
152
66.667
ns
ns
ns
ms
ns
µs
NOTES:
Figure 24. Data Retrieval Timing


Número de pieza similar - ADS1245IDGSTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS1245IDGST BURR-BROWN-ADS1245IDGST Datasheet
254Kb / 19P
   Low-Power, 24-Bit Analog-to-Digital Converter
More results

Descripción similar - ADS1245IDGSTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1245 BURR-BROWN-ADS1245 Datasheet
254Kb / 19P
   Low-Power, 24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1244 TI1-ADS1244_14 Datasheet
931Kb / 25P
[Old version datasheet]   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1253 TI-ADS1253 Datasheet
369Kb / 16P
[Old version datasheet]   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1254 BURR-BROWN-ADS1254 Datasheet
281Kb / 15P
   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1251 TI1-ADS1251_15 Datasheet
903Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251 TI-ADS1251 Datasheet
323Kb / 17P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1253 TI1-ADS1253_14 Datasheet
731Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251UG4 TI-ADS1251UG4 Datasheet
885Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1254 TI1-ADS1254_14 Datasheet
719Kb / 24P
[Old version datasheet]   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com