Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1281 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS1281
Descripción Electrónicos  High-Resolution Analog-to-Digital Converter
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1281 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS1281 Datasheet HTML 6Page - Texas Instruments ADS1281 Datasheet HTML 7Page - Texas Instruments ADS1281 Datasheet HTML 8Page - Texas Instruments ADS1281 Datasheet HTML 9Page - Texas Instruments ADS1281 Datasheet HTML 10Page - Texas Instruments ADS1281 Datasheet HTML 11Page - Texas Instruments ADS1281 Datasheet HTML 12Page - Texas Instruments ADS1281 Datasheet HTML 13Page - Texas Instruments ADS1281 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
4th-Order
DS
Modulator
Programmable
DigitalFilter
Serial
Interface
Calibration
Control
AINP
AVDD
AVSS
DVDD
CLK
DGND
HPF/SYNC
AINN
VREFN
MFLAG
VREFP
ADS1281
RESET
PINMODE
PWDN
Over-Range
Detection
MOD/DIN
DOUT
DRDY
SCLK
LDO
+1.8V
(DigitalCore)
BYPAS
ADS1281
SBAS378D – AUGUST 2007 – REVISED JUNE 2010
www.ti.com
OVERVIEW
The ADS1281 is a high-performance analog-to-digital
The digital filter is comprised of a variable decimation
converter (ADC) intended for energy exploration,
rate,
fifth-order
sinc
filter
followed
by
a
seismic
monitoring,
chromatography,
and
other
decimate-by-32,
FIR
low-pass
filter
with
exacting applications. The converter provides 24- or
programmable phase, and then by an adjustable
32-bit output data in data rates from 4000SPS to
high-pass filter for dc removal of the output reading.
250SPS.
The output of the digital filter can be taken from the
sinc, the FIR low-pass, or the IIR high-pass section.
Figure 19 shows the block diagram of the ADS1281.
The device features unipolar and bipolar analog
Gain and offset registers scale the digital filter output
power supplies (AVDD and AVSS, respectively) for
to produce the final code value. The scaling feature
input range flexibility and a digital supply accepting
can be used for calibration and sensor gain matching.
1.8V to 3.3V. The analog supplies may be set to +5V
The output data are provided with either a 24-bit word
to accept unipolar signals (with input offset) or set
or a full 32-bit word, allowing full utilization of the
lower in the range of ±2.5V to accept true bipolar
inherently high resolution.
input signals (ground referenced).
The PINMODE input pin determines the mode of the
An internal low-dropout (LDO) regulator is used to
device: Pin control or Register control. In Pin control
power the digital core from DVDD. The BYPAS pin is
mode, the device is controlled by simple pin settings;
the LDO output and requires a 0.1mF capacitor for
there are no registers to program. In Register control
noise reduction (BYPAS should not be used to drive
mode, the device is controlled by register settings.
external circuitry).
The functionality of several device pins depends on
the control mode selected (see the Pin and Register
The inherently-stable, fourth-order,
ΔΣ modulator
Modes section).
measures the differential input signal VIN = (AINP –
AINN)
against
the
differential
reference
The SYNC input resets the operation of both the
VREF = (VREFP – VREFN). A digital output (MFLAG)
digital filter and the modulator, allowing synchronized
indicates that the modulator is in over-range resulting
conversions of multiple ADS1281 devices to an
from an input overdrive condition. The modulator
external
event.
The
SYNC
input
supports
a
output is available directly on the MCLK, M0, and M1
continuously-toggled input mode that accepts an
output pins. The modulator connects to an on-chip
external data frame clock locked to an integer of the
digital filter that provides the output code readings.
conversion rate.
Figure 19. ADS1281 Block Diagram
10
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS1281


Número de pieza similar - ADS1281

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1281 TI-ADS1281 Datasheet
767Kb / 46P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1281 TI1-ADS1281 Datasheet
1Mb / 43P
[Old version datasheet]   LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
ADS1281IPW TI-ADS1281IPW Datasheet
767Kb / 46P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1281IPWG4 TI-ADS1281IPWG4 Datasheet
767Kb / 46P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1281IPWR TI-ADS1281IPWR Datasheet
767Kb / 46P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
More results

Descripción similar - ADS1281

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1282 TI-ADS1282 Datasheet
581Kb / 42P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1284 TI1-ADS1284 Datasheet
98Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Analog Devices
DAC14QM AD-DAC14QM_15 Datasheet
2Mb / 6P
   HIGH RESOLUTION DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS1282 TI-ADS1282_1 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282_08 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282-HT TI1-ADS1282-HT Datasheet
1Mb / 60P
[Old version datasheet]   HIGH-RESOLUTION ANALOG-TO-DIGITAL CONVERTER
ADS1281 TI-ADS1281 Datasheet
767Kb / 46P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1283 TI1-ADS1283 Datasheet
108Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Burr-Brown (TI)
DAC729 BURR-BROWN-DAC729 Datasheet
272Kb / 12P
   Ultra-High Resolution 18-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC56U TI1-DAC56U Datasheet
124Kb / 6P
[Old version datasheet]   Monolithic 16-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com