Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1281IPWG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS1281IPWG4
Descripción Electrónicos  High-Resolution Analog-to-Digital Converter
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1281IPWG4 Datasheet(HTML) 3 Page - Texas Instruments

  ADS1281IPWG4 Datasheet HTML 1Page - Texas Instruments ADS1281IPWG4 Datasheet HTML 2Page - Texas Instruments ADS1281IPWG4 Datasheet HTML 3Page - Texas Instruments ADS1281IPWG4 Datasheet HTML 4Page - Texas Instruments ADS1281IPWG4 Datasheet HTML 5Page - Texas Instruments ADS1281IPWG4 Datasheet HTML 6Page - Texas Instruments ADS1281IPWG4 Datasheet HTML 7Page - Texas Instruments ADS1281IPWG4 Datasheet HTML 8Page - Texas Instruments ADS1281IPWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
ADS1281
www.ti.com
SBAS378D – AUGUST 2007 – REVISED JUNE 2010
ELECTRICAL CHARACTERISTICS
Limit specifications at –40°C to +85°C, typical specifications at +25°C, AVDD = +2.5V, AVSS = –2.5V, fCLK
(1) = 4.096MHz, VREFP = +2.5V,
VREFN = –2.5V, DVDD = +3.3V, and fDATA = 1000SPS, unless otherwise noted.
ADS1281
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Full-scale input voltage
VIN = AINP – AINN
±VREF/2
V
Absolute input range
AINP or AINN
AVSS – 0.1
AVDD + 0.1
V
Differential input impedance
55
k
AC PERFORMANCE
fDATA = 250SPS
130
fDATA = 500SPS
127
Signal-to-noise ratio(2)
SNR
fDATA = 1000SPS
120
124
dB
fDATA = 2000SPS
121
fDATA = 4000SPS
118
Total harmonic distortion
THD
–122
–115
dB
VIN = 31.25Hz, –0.5dBFS
Spurious-free dynamic
SFDR
123
dB
range(3)
DC PERFORMANCE
Resolution
No missing codes
31
Bits
FIR filter mode
250
4000
SPS
Data rate
fDATA
Sinc filter mode
8,000
128,000
SPS
Integral nonlinearity(4)
INL
Differential input
0.00006
0.0005
% FSR(5)
Offset error
10
200
mV
Offset error after calibration(6)
Shorted input
1
mV
Offset drift
0.06
mV/°C
Gain error
0.1
0.3
%
Gain error after calibration(6)
0.0002
%
Gain drift
0.4
ppm/°C
Common-mode rejection
fCM = 60Hz
105
120
dB
AVDD, AVSS
85
95
Power-supply rejection
fPS = 60Hz
dB
DVDD
85
105
FIR DIGITAL FILTER RESPONSE
Passband ripple
±0.003
dB
Passband (–0.01dB)
0.375 × fDATA
Hz
Stop band attenuation(7)
135
dB
Stop band
0.500 × fDATA
Hz
Bandwidth (–3dB)
0.413 × fDATA
Hz
FIR filter, minimum phase(8)
5/fDATA
Group delay
s
FIR filter, linear phase
31/fDATA
FIR filter, minimum phase
62/fDATA
Settling time (latency)
s
FIR filter, linear phase
62/fDATA
High-pass filter corner
0.1
10
Hz
(1)
fCLK = system clock.
(2)
SNR = signal-to-noise ratio = 20 log (VRMS Full-Scale/VRMS Noise), VIN = 20mVDC.
(3)
Highest spurious component including harmonics.
(4)
Best-fit method.
(5)
FSR: Full-scale range = ±VREF/2.
(6)
Calibration accuracy is on the level of noise reduced by 4 (calibration averages 16 readings).
(7)
Input frequencies in the range of NfCLK/512 ± fDATA/2 (N = 1, 2, 3...) can mix with the modulator chopping clock. In these frequency
ranges intermodulation = 120dB, typ.
(8)
At dc; see Figure 32.
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS1281


Número de pieza similar - ADS1281IPWG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1281IPWG4 TI-ADS1281IPWG4 Datasheet
767Kb / 46P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
More results

Descripción similar - ADS1281IPWG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1282 TI-ADS1282 Datasheet
581Kb / 42P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1284 TI1-ADS1284 Datasheet
98Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Analog Devices
DAC14QM AD-DAC14QM_15 Datasheet
2Mb / 6P
   HIGH RESOLUTION DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS1282 TI-ADS1282_1 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282_08 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282-HT TI1-ADS1282-HT Datasheet
1Mb / 60P
[Old version datasheet]   HIGH-RESOLUTION ANALOG-TO-DIGITAL CONVERTER
ADS1281 TI-ADS1281 Datasheet
767Kb / 46P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1283 TI1-ADS1283 Datasheet
108Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Burr-Brown (TI)
DAC729 BURR-BROWN-DAC729 Datasheet
272Kb / 12P
   Ultra-High Resolution 18-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC56U TI1-DAC56U Datasheet
124Kb / 6P
[Old version datasheet]   Monolithic 16-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com