Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1281IPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS1281IPWR
Descripción Electrónicos  High-Resolution Analog-to-Digital Converter
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1281IPWR Datasheet(HTML) 1 Page - Texas Instruments

  ADS1281IPWR Datasheet HTML 1Page - Texas Instruments ADS1281IPWR Datasheet HTML 2Page - Texas Instruments ADS1281IPWR Datasheet HTML 3Page - Texas Instruments ADS1281IPWR Datasheet HTML 4Page - Texas Instruments ADS1281IPWR Datasheet HTML 5Page - Texas Instruments ADS1281IPWR Datasheet HTML 6Page - Texas Instruments ADS1281IPWR Datasheet HTML 7Page - Texas Instruments ADS1281IPWR Datasheet HTML 8Page - Texas Instruments ADS1281IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
ADS1281
4th-Order
DS
Modulator
Programmable
DigitalFilter
Serial
Interface
Calibration
Control
AINP
CLK
AVDD
AVSS
DVDD
DGND
AINN
Over-Range
ModulatorOutput
ADS1281
DOUT
DIN
DRDY
SCLK
SYNC
RESET
PWDN
3
VREFN
VREFP
ADS1281
www.ti.com
SBAS378D – AUGUST 2007 – REVISED JUNE 2010
High-Resolution Analog-to-Digital Converter
Check for Samples: ADS1281
1
FEATURES
DESCRIPTION
2
High Resolution:
The ADS1281 is an extremely high-performance,
single-chip
analog-to-digital
converter
(ADC)
130dB SNR (250SPS)
designed
for
the
demanding
needs
of
energy
127dB SNR (500SPS)
exploration and seismic monitoring environments.
High Accuracy:
The single-chip design promotes board area savings
THD: –122dB (typ), –115dB (max)
for improvements in high-density applications.
INL: 0.6ppm
The converter uses a fourth-order, inherently stable,
delta-sigma (
ΔΣ) modulator that provides outstanding
Inherently Stable Modulator with Fast
noise and linearity performance. The modulator is
Responding Over-Range Detection
used either in conjunction with the on-chip digital
Flexible Digital Filter:
filter,
or
can
be
bypassed
for
use
with
Sinc + FIR + IIR (Selectable)
post-processing filters.
Linear or Minimum Phase Response
The digital filter consists of sinc and finite impulse
Programmable High-Pass Filter
response (FIR) low-pass stages followed by an
infinite impulse response (IIR) high-pass filter (HPF)
Selectable FIR Data Rates:
stage. Selectable decimation provides data rates from
250SPS to 4kSPS
250 to 4000 samples per second (SPS). The FIR
Filter Bypass Option
low-pass stage provides both linear and minimum
phase response. The HPF features an adjustable
Low Power Consumption:
corner frequency. On-chip gain and offset scaling
Operating: 12mW
registers support system calibration.
Shutdown: 10mW
The synchronization input (SYNC) can be used to
Calibration Engine for Offset and
synchronize the conversions of multiple ADS1281s.
Gain Correction
The SYNC input also accepts a clock input for
SYNC Input
continuous alignment of conversions from an external
source.
Analog Supply:
Unipolar (+5V) or Bipolar (±2.5V)
Together, the modulator and filter dissipate only
12mW. The ADS1281 is available in a compact
Digital Supply: 1.8V to 3.3V
TSSOP-24 package and is fully specified from –40°C
to +85°C, with a maximum operating range to
APPLICATIONS
+125°C.
Energy Exploration
Seismic Monitoring
High-Accuracy Instrumentation
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - ADS1281IPWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1281IPWR TI-ADS1281IPWR Datasheet
767Kb / 46P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1281IPWRG4 TI-ADS1281IPWRG4 Datasheet
767Kb / 46P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
More results

Descripción similar - ADS1281IPWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1282 TI-ADS1282 Datasheet
581Kb / 42P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1284 TI1-ADS1284 Datasheet
98Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Analog Devices
DAC14QM AD-DAC14QM_15 Datasheet
2Mb / 6P
   HIGH RESOLUTION DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS1282 TI-ADS1282_1 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282_08 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282-HT TI1-ADS1282-HT Datasheet
1Mb / 60P
[Old version datasheet]   HIGH-RESOLUTION ANALOG-TO-DIGITAL CONVERTER
ADS1281 TI-ADS1281 Datasheet
767Kb / 46P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1283 TI1-ADS1283 Datasheet
108Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Burr-Brown (TI)
DAC729 BURR-BROWN-DAC729 Datasheet
272Kb / 12P
   Ultra-High Resolution 18-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC56U TI1-DAC56U Datasheet
124Kb / 6P
[Old version datasheet]   Monolithic 16-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com