Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS7865IPBS Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS7865IPBS
Descripción Electrónicos  Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7865IPBS Datasheet(HTML) 5 Page - Texas Instruments

  ADS7865IPBS Datasheet HTML 1Page - Texas Instruments ADS7865IPBS Datasheet HTML 2Page - Texas Instruments ADS7865IPBS Datasheet HTML 3Page - Texas Instruments ADS7865IPBS Datasheet HTML 4Page - Texas Instruments ADS7865IPBS Datasheet HTML 5Page - Texas Instruments ADS7865IPBS Datasheet HTML 6Page - Texas Instruments ADS7865IPBS Datasheet HTML 7Page - Texas Instruments ADS7865IPBS Datasheet HTML 8Page - Texas Instruments ADS7865IPBS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
R
=200W
SER
R
=50W
SW
CHXX+
R
=200W
SER
R
=50W
SW
CHXX-
C
=5pF
PAR
C
=5pF
PAR
C =2pF
S
C =2pF
S
ADS7865
www.ti.com
SBAS441C – OCTOBER 2008 – REVISED APRIL 2012
ELECTRICAL CHARACTERISTICS (continued)
At TA = –40°C to +125°C; over entire power-supply voltage range, VREF = 2.5V (internal), fCLK = 32MHz, and fDATA = 2MSPS,
unless otherwise noted.
ADS7865
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
POWER SUPPLY
AVDD
Analog supply voltage
AVDD to AGND
2.7
5.0
5.5
V
BVDD
Buffer I/O supply current
BVDD to BGND
2.7
3.0
5.5
V
AVDD = 2.7V
4.1
6.0
mA
AVDD = 5V
5.6
7.5
mA
AVDD = 2.7V, NAP power-down
0.9
1.6
mA
AIDD
Analog supply current
AVDD = 5V, NAP power-down
1.1
1.8
mA
AVDD = 2.7V, deep power-down
0.001
mA
AVDD = 5V, deep power-down
0.001
mA
BVDD = 2.7V, CLOAD = 10pF
0.6
1.7
mA
BIDD
Buffer I/O supply current
BVDD = 3.3V, CLOAD = 10pF
0.8
1.9
mA
AVDD = 2.7V, BVDD = 2.7V
12.7
21
mA
PD
Power dissipation
AVDD = 5.0V, BVDD = 3.0V
30.6
44
mW
EQUIVALENT INPUT CIRCUIT
Copyright © 2008–2012, Texas Instruments Incorporated
5


Número de pieza similar - ADS7865IPBS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS7865IPBS TI-ADS7865IPBS Datasheet
694Kb / 30P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7865IPBSG4 TI-ADS7865IPBSG4 Datasheet
694Kb / 30P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7865IPBSR TI-ADS7865IPBSR Datasheet
694Kb / 30P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7865IPBSRG4 TI-ADS7865IPBSRG4 Datasheet
694Kb / 30P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
More results

Descripción similar - ADS7865IPBS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS7865 TI-ADS7865 Datasheet
694Kb / 30P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7863 TI-ADS7863_08 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863A TI1-ADS7863A Datasheet
1Mb / 42P
[Old version datasheet]   Dual, 2-MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous-Sampling, Analog-to-Digital Converter
ADS7863 TI1-ADS7863_14 Datasheet
1Mb / 44P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863 TI1-ADS7863 Datasheet
1Mb / 43P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7861 TI1-ADS7861_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861 TI1-ADS7861_16 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7863 BURR-BROWN-ADS7863 Datasheet
663Kb / 30P
   Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7862 BURR-BROWN-ADS7862 Datasheet
159Kb / 13P
   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com