Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS7887SDCKT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS7887SDCKT
Descripción Electrónicos  10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7887SDCKT Datasheet(HTML) 3 Page - Texas Instruments

  ADS7887SDCKT Datasheet HTML 1Page - Texas Instruments ADS7887SDCKT Datasheet HTML 2Page - Texas Instruments ADS7887SDCKT Datasheet HTML 3Page - Texas Instruments ADS7887SDCKT Datasheet HTML 4Page - Texas Instruments ADS7887SDCKT Datasheet HTML 5Page - Texas Instruments ADS7887SDCKT Datasheet HTML 6Page - Texas Instruments ADS7887SDCKT Datasheet HTML 7Page - Texas Instruments ADS7887SDCKT Datasheet HTML 8Page - Texas Instruments ADS7887SDCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
ADS7887
ADS7888
SLAS468 – JUNE 2005
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
PACKAGE/ORDERING INFORMATION(1)
MAXIMUM
MAXIMUM
NO MISSING
PACK-
INTEGRAL
DIFFEREN-
CODES AT
PACK-
TRANSPORT
AGE
TEMPERATURE
PACKAGE
ORDERING
DEVICE
LINEARITY
TIAL
RESOLUTION
AGE
MEDIA
DESIG-
RANGE
MARKING
INFORMATION
(LSB)
LINEARITY
(BIT)
TYPE
QUANTITY
NATOR
(LSB)
Tape and
BAWQ
ADS7887SDBVT
reel 250
6-Pin
DBV
SOT23
Tape and
BAWQ
ADS7887SDBVR
reel 3000
ADS7887
±0.75
±0.5
10
–40
°C to 125°C
Tape and
BNI
ADS7887SDCKT
reel 250
6-Pin
DCK
SC70
Tape and
BNI
ADS7887SDCKR
reel 3000
Tape and
BAZQ
ADS7888SDBVT
reel 250
6-Pin
DBV
SOT23
Tape and
BAZQ
ADS7888SDBVR
reel 3000
ADS7888
±0.3
±0.3
8
–40
°C to 125°C
Tape and
BNH
ADS7888SDCKT
reel 250
6-Pin
DCK
SC70
Tape and
BNH
ADS7888SDCKR
reel 3000
(1)
For most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
UNIT
+IN to AGND
–0.3 V to +VDD +0.3 V
+VDD to AGND
–0.3 V to 7.0 V
Digital input voltage to GND
–0.3V to (7.0 V)
Digital output to GND
–0.3 V to (+VDD + 0.3 V)
Operating temperature range
–40
°C to 125°C
Storage temperature range
–65
°C to 150°C
Junction temperature (TJ Max)
150°C
Power dissipation, SOT23 and SC70 packages
(TJ Max–TA)/θJA
SOT23
295.2
°C/W
θ
JA Thermal impedance
SC70
351.3
°C/W
Vapor phase (60 sec)
215
°C
Lead temperature, soldering
Infrared (15 sec)
220
°C
(1)
Stresses above those listed under absolute maximum ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
3


Número de pieza similar - ADS7887SDCKT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS7887SDCKT BURR-BROWN-ADS7887SDCKT Datasheet
510Kb / 23P
   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7887SDCKTG4 BURR-BROWN-ADS7887SDCKTG4 Datasheet
510Kb / 23P
   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
More results

Descripción similar - ADS7887SDCKT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS7887 BURR-BROWN-ADS7887 Datasheet
510Kb / 23P
   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7884 BURR-BROWN-ADS7884 Datasheet
843Kb / 22P
   10-/8-BIT, 3-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7887M TI1-ADS7887M Datasheet
536Kb / 17P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M_14 Datasheet
499Kb / 19P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7886 TI-ADS7886 Datasheet
1Mb / 17P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7886 TI1-ADS7886_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7891 TI1-ADS7891_15 Datasheet
994Kb / 31P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI-ADS7890 Datasheet
352Kb / 25P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI1-ADS7890_15 Datasheet
1,016Kb / 29P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI1-ADS7883_14 Datasheet
1Mb / 20P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com