Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADS8508IBDWG4 Datasheet(PDF) 3 Page - Texas Instruments |
|
ADS8508IBDWG4 Datasheet(HTML) 3 Page - Texas Instruments |
3 / 28 page www.ti.com ADS8508 SLAS433 – SEPTEMBER 2005 ELECTRICAL CHARACTERISTICS (continued) At T A = -40°C to 85°C, fs = 250 kHz, VDIG = VANA = 5 V, using internal reference and fixed resistors (See Figure 28 and Figure 29) (unless otherwise specified) ADS8508IB PARAMETER TEST CONDITIONS UNIT MIN TYP MAX ±10 V range Int. Ref. with 0.1% external fixed -0.5 0.5 Full-scale %FS resistors error(4)(5) All other ranges -0.5 0.5 Full-scale error drift Int. Ref. ±7 ppm/°C ±10 V range Ext. Ref. with 0.1% external fixed -0.5 0.5 Full-scale %FS resistors error(4)(5) All other ranges -0.5 0.5 Full-scale error drift Ext. Ref. ±2 ppm/°C Bipolar zero error(4) -1 1 mV Bipolar zero error drift ±0.4 ppm/°C 10 V range -5 5 Unipolar zero mV 4 V and 5 V -3 3 error(4) range Unipolar zero error drift ±2 ppm/°C Recovery to rated accuracy after 1-µF Capacitor to CAP 1 ms power down Power supply sensitivity -0.5 0.5 +4.75 V < VD < +5.25 V LSB (VDIG = VANA = VD) AC ACCURACY SFDR Spurious-free dynamic range fI = 45 kHz 86 95 dB(6) THD Total harmonic distortion fI = 45 kHz -95 -86 dB SINAD fI = 45 kHz 72 73 dB Signal-to-(noise+distortion) –60-dB Input 32 dB SNR Signal-to-noise ratio fI = 45 kHz 72 73 dB Full-power bandwidth(7) 500 kHz SAMPLING DYNAMICS Aperture delay 5 ns Transient response FS Step 2 µs Overvoltage recovery(8) 150 ns REFERENCE Internal reference voltage No load 2.48 2.5 2.52 V Internal reference source current 1 µA (must use external buffer) Internal reference drift 8 ppm/°C External reference voltage range for 2.3 2.5 2.7 V specified linearity External reference current drain Ext. 2.5-V Ref. 100 µA DIGITAL INPUTS Logic levels VIL Low-level input voltage -0.3 0.8 V VIH High-level input voltage 2.0 VDIG +0.3 V V (4) As measured with circuit shown in Figure 28 and Figure 29. Adjustable to zero with external potentiometer. Factory calibrated with 0.1%, 0.25-W resistors. (5) For bipolar input ranges, full-scale error is the worst case of -full-scale or +full-scale uncalibrated deviation from ideal first and last code transitions, divided by the transition voltage (not divided by the full-scale range) and includes the effect of offset error. For unipolar input ranges, full-scale error is the deviation of the last code transition divided by the transition voltage. It also includes the effect of offset error. (6) All specifications in dB are referred to a full-scale ±10-V input. (7) Full-power bandwidth is defined as the full-scale input frequency at which signal-to-(noise + distortion) degrades to 60 dB. (8) Recovers to specified performance after 2 x FS input overvoltage. 3 |
Número de pieza similar - ADS8508IBDWG4 |
|
Descripción similar - ADS8508IBDWG4 |