Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS8519 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS8519
Descripción Electrónicos  16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8519 Datasheet(HTML) 1 Page - Texas Instruments

  ADS8519 Datasheet HTML 1Page - Texas Instruments ADS8519 Datasheet HTML 2Page - Texas Instruments ADS8519 Datasheet HTML 3Page - Texas Instruments ADS8519 Datasheet HTML 4Page - Texas Instruments ADS8519 Datasheet HTML 5Page - Texas Instruments ADS8519 Datasheet HTML 6Page - Texas Instruments ADS8519 Datasheet HTML 7Page - Texas Instruments ADS8519 Datasheet HTML 8Page - Texas Instruments ADS8519 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Successive Approximation Register
Clock
Comparator
CS
CDAC
Buffer
REF
CAP
R1IN
25.67k
7k
Internal
+4.096V Ref
4k
Serial
Data
Out
and
Control
BUSY
DATACLK
DATA
2.87k
7k
R2IN
R3IN
EXT/INT
R/C
SB/BTC
PWRD
TAG
ADS8519
www.ti.com
SLAS462D – JUNE 2007 – REVISED SEPTEMBER 2010
16-Bit, 250kSPS, Serial, CMOS, Sampling
ANALOG-TO-DIGITAL CONVERTER
Check for Samples: ADS8519
1
FEATURES
DESCRIPTION
23
0V to 8.192V, ±5V, and ±10V Input Ranges
The
ADS8519
is
a
complete
16-bit
sampling
analog-to-digital (A/D) converter using state-of-the-art
93dB SNR with 20kHz Input
CMOS structures. It contains a complete 16-bit,
±1.5LSB Max INL
capacitor-based, successive approximation register
±1LSB Max DNL; 16 Bits, No Missing Codes
(SAR)
A/D
converter
with
sample-and-hold,
SPI™-Compatible Serial Output with
reference, clock, and a serial data interface. Data can
be output using the internal clock or synchronized to
Daisy-Chain (TAG) Feature and 3-State Bus
an external data clock. The ADS8519 also provides
5V Analog Supply, 1.65V to 5.25V I/O Supply
an output synchronization pulse for ease-of-use with
Pinout Similar to 16-Bit ADS7809 (Low-Speed)
standard DSP processors.
and 12-Bit ADS7808 and ADS8508
The ADS8519 is specified at a 250kSPS sampling
No External Precision Resistors Required
rate over the full temperature range. Internal precision
Uses Internal or External Reference
resistors provide various input ranges including ±10V,
±5V, and 0V to 8.192V, while the innovative design
110mW Typ Power Dissipation at 250kSPS
allows operation from a single 5V supply with power
28-Pin SSOP Package
dissipation under 125mW.
Simple DSP Interface
The ADS8519 is available in a 28-pin SSOP
package, and is fully specified for operation over the
APPLICATIONS
industrial –40°C to +85°C temperature range.
Industrial Process Control
Data Acquisition Systems
Digital Signal Processing
Medical Equipment
Instrumentation
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola, Inc.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - ADS8519

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8519I TI-ADS8519I Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8519I TI-ADS8519I Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519IB TI-ADS8519IB Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8519IB TI-ADS8519IB Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS8519

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8519 TI-ADS8519_08 Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7809 BURR-BROWN-ADS7809 Datasheet
248Kb / 10P
   16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS7811 BURR-BROWN-ADS7811 Datasheet
186Kb / 9P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7815 BURR-BROWN-ADS7815 Datasheet
140Kb / 8P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7809U-1K TI1-ADS7809U-1K Datasheet
867Kb / 19P
[Old version datasheet]   16-Bit 10關s Serial CMOS Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com