Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KSD986YS Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza KSD986YS
Descripción Electrónicos  Low Frequency Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSD986YS Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KSD986YS Datasheet HTML 1Page - Fairchild Semiconductor KSD986YS Datasheet HTML 2Page - Fairchild Semiconductor KSD986YS Datasheet HTML 3Page - Fairchild Semiconductor KSD986YS Datasheet HTML 4Page - Fairchild Semiconductor KSD986YS Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Derating Curve Of Safe Operating Areas
Figure 5. Reverse Bias Safe Operating Areas
Figure 6. Safe Operating Area
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.4
0.8
1.2
1.6
2.0
I
B
= 80uA
I
B
= 120uA
I
B = 140uA
I
B
= 160uA
I
B
= 180uA
I
B
= 100uA
I
B
= 220uAIB = 200uA
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0.01
0.1
1
10
100
1000
10000
V
CE = 2V
I
C[A], COLLECTOR CURRENT
0.1
1
10
0.1
1
10
I
C
= 1000 I
B
V
CE(sat)
V
BE(sat)
I
C[A], COLLECTOR CURRENT
0
25
50
75
100
125
150
175
200
0
20
40
60
80
100
120
140
160
Di
ssi
pa
tio
n L
imi
ted
S/
b Li
mite
d
T
C[
o
C], CASE TEMPERATURE
0
10
203040
506070
8090
100
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
V
CE[V], COLLECTOR-EMITTER VOLTAGE
1
10
100
0.01
0.1
1
10
1m
s
300u
s
3m
s
Dissi
patio
n L
imi
ted
DC
V
CE[V], COLLECTOR-EMITTER VOLTAGE


Número de pieza similar - KSD986YS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KSD986 SAMSUNG-KSD986 Datasheet
182Kb / 6P
   NPN (LOW FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING INDUSTRIAL USE)
logo
Fairchild Semiconductor
KSD986 FAIRCHILD-KSD986 Datasheet
50Kb / 5P
   Audio Frequency Power Amplifier
logo
Inchange Semiconductor ...
KSD986 ISC-KSD986 Datasheet
141Kb / 2P
   isc Silicon NPN Darlington Power Transistor
More results

Descripción similar - KSD986YS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KSB1366 FAIRCHILD-KSB1366 Datasheet
50Kb / 4P
   LOW FREQUENCY POWER AMPLIFIER
KSB834W FAIRCHILD-KSB834W Datasheet
28Kb / 3P
   Low Frequency Power Amplifier
KSD1589 FAIRCHILD-KSD1589 Datasheet
44Kb / 4P
   Low Frequency Power Amplifier
KSD261 FAIRCHILD-KSD261 Datasheet
38Kb / 4P
   Low Frequency Power Amplifier
KSD568 FAIRCHILD-KSD568 Datasheet
42Kb / 4P
   Low Frequency Power Amplifier
logo
Hitachi Semiconductor
2SJ48 HITACHI-2SJ48 Datasheet
192Kb / 3P
   LOW FREQUENCY POWER AMPLIFIER
2SB1401 HITACHI-2SB1401 Datasheet
34Kb / 5P
   Low frequency power amplifier
2SB856 HITACHI-2SB856 Datasheet
323Kb / 2P
   LOW FREQUENCY POWER AMPLIFIER
logo
Fairchild Semiconductor
KSC3488 FAIRCHILD-KSC3488 Datasheet
39Kb / 4P
   Low Frequency Power Amplifier
KSB1015YTU FAIRCHILD-KSB1015YTU Datasheet
55Kb / 4P
   Low Frequency Power Amplifier
logo
Unisonic Technologies
TA8227AP UTC-TA8227AP_15 Datasheet
333Kb / 9P
   LOW FREQUENCY POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com