Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC13192FC Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc |
|
MC13192FC Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc |
4 / 24 page Block Diagrams MC13192 Technical Data, Rev. 3.3 4 Freescale Semiconductor 3 Block Diagrams Figure 1 shows a simplified block diagram of the MC13192 which is an 802.15.4 Standard compatible transceiver that provides the functions required in the physical layer (PHY) specification. Figure 1. MC13192 Simplified Block Diagram Figure 2 shows the basic system block diagram for the MC13192 in an application. Interface with the transceiver is accomplished through a 4-wire SPI port and interrupt request line. The media access control (MAC), drivers, and network and application software (as required) reside on the host processor. The host can vary from a simple 8-bit device up to a sophisticated 32-bit processor depending on application requirements. Figure 2. System Level Block Diagram P has e S hift M odulator RS T GP IO1 GP IO2 GP IO3 GP IO4 XT AL2 XT AL1 RF IN - RF IN+ PA O + PA O - MO S I MIS O SP IC LK RX T X E N CE AT T N GP IO5 GP IO6 GP IO7 Rec eiv e P acket R A M T rans m it Pac k et R A M 1 T rans m it R A M Arbiter Rec eiv e RA M Arbiter PA VCO C ryst a l O scilla t o r S y m bol G eneration FC S G eneration Header G eneration S equenc e M anager (C ontrol Logic ) V DDL O 2 ÷ 4 256 M Hz 2.45 G Hz LN A 1s t IF M ix er IF = 65 M Hz 2nd IF M ix er IF = 1 M Hz PM A Dec im ation Filter M atc hed Filter B as eband Mix er DC D CCA Pac k et P rocessor IR Q Arbiter 24 B it E v ent T im er IR Q 16 M Hz AGC A nalog R egulator V B A T T Digital R egulator L Digital R egulator H P ow er-U p C ontrol Logic Cry s tal R egulator VC O R egulator VDDIN T P rogram m able Pres c aler CLK O 4 P rogram m able T im er C om parators Sy nthesizer VDDD VDDV C O VDDA VDDLO 1 T rans m it Pac k et R A M 2 Analog Receiver MC13192 Frequency Generation Analog Transmitter Voltage Regulators Power Up Management Control Logic Buffer RAM SPI and GPIO Microcontroller SPI ROM (Flash) RAM CPU A/D Application Network MAC PHY Driver |
Número de pieza similar - MC13192FC |
|
Descripción similar - MC13192FC |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |