Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC19040002 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza MC19040002
Descripción Electrónicos  3mm Prominent or Recessed
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

MC19040002 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MC19040002 Datasheet HTML 1Page - List of Unclassifed Manufacturers MC19040002 Datasheet HTML 2Page - List of Unclassifed Manufacturers MC19040002 Datasheet HTML 3Page - List of Unclassifed Manufacturers MC19040002 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LED Indicators
3mm Prominent or Recessed
Page <2>
21/04/08 V1.1
Specifications
Colour
Typical Lumination
Intensity (mcd)
at IF = 20mA
VF (typical)
(V)
IF (maximum)
(mA)
Refer
Drawing
Part Number
HE Red
17.5
2.0-2.6
45
A
MC19020003
Green
27.0
MC19020001
Yellow
32.0
MC19020002
HE Red
15.0
2.0-2.6
45
B
MC19030003
Green
34.0
MC19030001
Yellow
28.0
MC19030002
Pure Orange
15.0
30
MC19030008
Blue
6.0
3.8-4.4
50
MC19030007
HE Red
17.5
2.0-2.6
45
A
MC19021003
Green
27.0
MC19021001
Yellow
32.0
MC19021002
Pure Orange
17.5
30
MC19021008
Blue
5.0
3.8-4.4
50
MC19021007
HE Red
15.0
2.0-2.6
45
B
MC19031003
Green
34.0
MC19031001
Yellow
28.0
MC19031002
Pure Orange
15.0
30
MC19031008
Bezel = 5.0 x 9.5 diameter (prominent), 3.0 x 9.5 (recessed). Total L behind bezel = 12.0 (prominent), 15.0 (recessed).
Mounting hole diameter = 8.0, Shorter lead cathode.


Número de pieza similar - MC19040002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC1904 MOTOROLA-MC1904 Datasheet
665Kb / 9P
   INTEGRATED CIRCUITS
More results

Descripción similar - MC19040002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gamewell-FCI by Honeywe...
FC00530 GAMEWELL-FCI-FC00530 Datasheet
133Kb / 2P
   Enclosure, surface or recessed
logo
Schurter Inc.
DF11 SCHURTER-DF11_17 Datasheet
553Kb / 7P
   IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
logo
Chicago Miniature Lamp,...
1902X25X CML-1902X25X Datasheet
366Kb / 1P
   LED Indicator 6mm Prominent(Exterior) bezel
1902X35X CML-1902X35X Datasheet
365Kb / 1P
   LED Indicator 6mm Prominent(Exterior) bezel
1902X00X CML-1902X00X Datasheet
361Kb / 1P
   LED Indicator 6mm Prominent(Exterior) bezel
logo
Schurter Inc.
DF11 SCHURTER-DF11_18 Datasheet
536Kb / 6P
   IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
DF11 SCHURTER-DF11_V02 Datasheet
634Kb / 7P
   IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
08.12.2021
DF11 SCHURTER-DF11_V01 Datasheet
634Kb / 7P
   IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
logo
Lumins Inc.
NT100R LUMINIS-NT100R Datasheet
113Kb / 2P
   Wall recessed mount
logo
Chicago Miniature Lamp,...
1904X35X CML-1904X35X Datasheet
411Kb / 1P
   LED Indicator 8mm Prominent (Interior) Bezel
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com