Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SML-A12U8T Datasheet(PDF) 2 Page - Rohm

No. de pieza SML-A12U8T
Descripción Electrónicos  Compact size side-view LEDs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

SML-A12U8T Datasheet(HTML) 2 Page - Rohm

  SML-A12U8T Datasheet HTML 1Page - Rohm SML-A12U8T Datasheet HTML 2Page - Rohm SML-A12U8T Datasheet HTML 3Page - Rohm SML-A12U8T Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FORWARD VOLTAGE : VF (V)
1
10
100
Ta=25°C
2.4
2.6
3.0
2.8
3.2
3.6
3.4
FORWARD VOLTAGE:VF (V)
100
10
2.0
2.5
1.5
1.0
3.0
1
Ta=25°C
SML-A12V8T
SML-A12U8T
SML-A12D8T
SML-A12Y8T
SML-A12M8T
SML-A12P8T
FORWARD CURRENT:IF (mA)
0
5
10
15
20
0
80
60
40
20
100
120
Ta=25°C
AMBIENT TEMPERATURE:Ta (°C)
30
20
10
-40
-20
0
20
40
60
80
100
0
ATMOSPHERE TEMPERATURE:Ta (
°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
1.6
IF=20mA
FORWARD CURRENT:IF (mA)
Ta=25°C
0
10
20
30
1.4
0.4
0.2
0.8
0.6
1.2
1.0
0
AMBIENT TEMPERATURE:Ta (
°C)
0
10
20
40
30
-40
-20
0
20
40
60
80
100
ATMOSPHERE TEMPERATURE:Ta (
°C)
1.4
1.6
1.2
1
0.8
0.6
0.2
0.4
-40
-20
0
20
40
60
80
100
1.8
IF=20mA
100
10
1
FORWARD VOLTAGE:VF (V)
1.0
1.5
2.0
2.5
3.0
Ta=25°C
SML-A12UT(J)
SML-A12DT(J)
SML-A12WT(J)
SML-A12MT(J)
ATMOSPHERE TEMPERATURE : Ta (°C)
1.4
1.2
1
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
1.6
IF=5mA
FORWARD CURRENT : IF (mA)
Ta=25°C
0
0.5
1.0
1.5
2.0
2.5
3.0
0
5
10
15
20
AMBIENT TEMPERATURE : Ta (°C)
25
20
10
-40
-20
0
20
40
60
80
100
0
15
5
SML-A12UT(J)
SML-A12DT(J)
SML-A12WT(J)
SML-A12MT(J)
SML-A12UT(J)
SML-A12DT(J)
SML-A12WT(J)
SML-A12MT(J)
SML-A12UT(J)
SML-A12DT(J)
SML-A12WT(J)
SML-A12MT(J)
SML-A12V8T
SML-A12U8T
SML-A12D8T
SML-A12Y8T
SML-A12M8T
SML-A12P8T
SML-A12V8T
SML-A12U8T
SML-A12D8T
SML-A12Y8T
SML-A12M8T
SML-A12P8T
SML-A12V8T
SML-A12U8T
SML-A12D8T
SML-A12Y8T
SML-A12M8T
SML-A12P8T
Forward Current-Forward Voltage
Electrical Characteristics Curves
Luminous Intensity-Atmosphere Temperature
Luminous Intensity-Forward Current
Derating
SML-A1 Series
SMLA12EC6T
SMLA12BC7T
SMLA13BC8T
SMLA12WBC7W
SMLA12EC6T
SMLA12BC7T
SMLA13BC8T
SMLA12WBC7W
SMLA12EC6T
SMLA12BC7T
SMLA13BC8T
SMLA12WBC7W
SMLA12EC6T
SMLA12BC7T
SMLA13BC8T
SMLA12WBC7W
2/3
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2013.03 - Rev.C


Número de pieza similar - SML-A12U8T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML-A12U8T ROHM-SML-A12U8T Datasheet
111Kb / 3P
   Side View Chip LEDs
SML-A12U8T ROHM-SML-A12U8T Datasheet
1Mb / 4P
   Side-view type
SML-A12U8T ROHM-SML-A12U8T Datasheet
1Mb / 4P
   Compact size side-view LEDs
SML-A12U8T ROHM-SML-A12U8T Datasheet
1Mb / 4P
   SML-A1 Series EXCELEDTM
SML-A12U8T ROHM-SML-A12U8T Datasheet
1Mb / 4P
   Compact size side-view LEDs
More results

Descripción similar - SML-A12U8T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML-A12U8TT86 ROHM-SML-A12U8TT86 Datasheet
1Mb / 4P
   Compact size side-view LEDs
SML-A12V8TT86 ROHM-SML-A12V8TT86 Datasheet
1Mb / 4P
   Compact size side-view LEDs
SMLA12BC7TT86 ROHM-SMLA12BC7TT86 Datasheet
1Mb / 4P
   Compact size side-view LEDs
SML-A12V8T ROHM-SML-A12V8T Datasheet
325Kb / 13P
   Compact size side-view LEDs
logo
Everlight Electronics C...
EASV3006WA2 EVERLIGHT-EASV3006WA2 Datasheet
1Mb / 13P
   Side View LEDs
EAPL2812WA0 EVERLIGHT-EAPL2812WA0 Datasheet
985Kb / 15P
   Side View LEDs
EAPL3810A10 EVERLIGHT-EAPL3810A10 Datasheet
249Kb / 12P
   Side View LEDs
EAPL3810A12 EVERLIGHT-EAPL3810A12 Datasheet
253Kb / 12P
   Side View LEDs
EAPL3810A14 EVERLIGHT-EAPL3810A14 Datasheet
520Kb / 12P
   Side View LEDs
EAPL3810A4 EVERLIGHT-EAPL3810A4 Datasheet
616Kb / 13P
   Side View LEDs
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com