Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC10065 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADC10065
Descripción Electrónicos  10-Bit 65 MSPS 3V A/D Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10065 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC10065 Datasheet HTML 4Page - Texas Instruments ADC10065 Datasheet HTML 5Page - Texas Instruments ADC10065 Datasheet HTML 6Page - Texas Instruments ADC10065 Datasheet HTML 7Page - Texas Instruments ADC10065 Datasheet HTML 8Page - Texas Instruments ADC10065 Datasheet HTML 9Page - Texas Instruments ADC10065 Datasheet HTML 10Page - Texas Instruments ADC10065 Datasheet HTML 11Page - Texas Instruments ADC10065 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
ADC10065
SNAS225H – JULY 2003 – REVISED APRIL 2013
www.ti.com
AC Electrical Characteristics (continued)
Unless otherwise specified, the following specifications apply for VSSA = VSSIO = 0V, VDDA = +3.0V, VDDIO = +2.5V, VIN = 2 VP-P,
STBY = 0V, VREF = 1.20V (External), fCLK = 65 MHz, 50% Duty Cycle, CL = 10 pF/pin. Boldface limits apply for TA = TMIN to
TMAX: all other limits TA = 25°C.
(1)
Parameter
Test Conditions
Min (2)
Typ (2)
Max (2)
Units
T = 25°C
2
3.4
5
ns
Data Output Delay after a Rising Clock
tOD
Edge
1
6
ns
tAD
Aperture Delay
1
ns
tAJ
Aperture Jitter
2
ps (RMS)
Differential VIN step from ±3V
Over Range Recovery Time
to 0V to get accurate
1
Clock Cycle
conversion
tSTBY
Standby Mode Exit Cycle
20
Cycles
Figure 2.
Specification Definitions
APERTURE DELAY is the time after the rising edge of the clock to when the input signal is acquired or held for
conversion.
APERTURE JITTER (APERTURE UNCERTAINTY) is the variation in aperture delay from sample to sample.
Aperture jitter manifests itself as noise in the output.
COMMON MODE VOLTAGE (VCM) is the d.c. potential present at both signal inputs to the ADC.
CONVERSION LATENCY See PIPELINE DELAY.
DIFFERENTIAL NON-LINEARITY (DNL) is the measure of the maximum deviation from the ideal step size of 1
LSB.
DUTY CYCLE is the ratio of the time that a repetitive digital waveform is high to the total time of one period. The
specification here refers to the ADC clock input signal.
EFFECTIVE NUMBER OF BITS (ENOB, or EFFECTIVE BITS) is another method of specifying Signal-to-Noise
and Distortion or SINAD. ENOB is defined as (SINAD - 1.76) / 6.02 and states that the converter is
equivalent to a perfect ADC of this (ENOB) number of bits.
FULL POWER BANDWIDTH is a measure of the frequency at which the reconstructed output fundamental drops
3 dB below its low frequency value for a full scale input.
GAIN ERROR is the deviation from the ideal slope of the transfer function. It can be calculated as:
Gain Error = Positive Full-Scale Error
− Negative Full-Scale Error
(1)
INTEGRAL NON LINEARITY (INL) is a measure of the deviation of each individual code from a line drawn from
negative full scale through positive full scale. The deviation of any given code from this straight line is
measured from the center of that code value.
MISSING CODES are those output codes that will never appear at the ADC outputs. The ADC10065 is specified
not to have any missing codes.
NEGATIVE FULL SCALE ERROR is the difference between the input voltage (VIN
+ − V
IN
) just causing a
transition from negative full scale to the first code and its ideal value of 0.5 LSB.
8
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: ADC10065


Número de pieza similar - ADC10065

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC10065 NSC-ADC10065 Datasheet
945Kb / 19P
   ADC10065 10-Bit 65 MSPS 3V A/D Converter
logo
Texas Instruments
ADC10065 TI1-ADC10065 Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
logo
National Semiconductor ...
ADC10065CIMT NSC-ADC10065CIMT Datasheet
945Kb / 19P
   ADC10065 10-Bit 65 MSPS 3V A/D Converter
logo
Texas Instruments
ADC10065CIMT/NOPB TI1-ADC10065CIMT/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
logo
National Semiconductor ...
ADC10065CIMTX NSC-ADC10065CIMTX Datasheet
945Kb / 19P
   ADC10065 10-Bit 65 MSPS 3V A/D Converter
More results

Descripción similar - ADC10065

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC10065 TI1-ADC10065_15 Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
logo
National Semiconductor ...
ADC10065 NSC-ADC10065 Datasheet
945Kb / 19P
   ADC10065 10-Bit 65 MSPS 3V A/D Converter
logo
Analog Devices
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
logo
Hittite Microwave Corpo...
HMCAD1040-80 HITTITE-HMCAD1040-80 Datasheet
923Kb / 14P
   Dual 10-Bit 65/80 MSPS A/D Converter
HMCAD1041-80 HITTITE-HMCAD1041-80 Datasheet
705Kb / 12P
   Single 10-Bit 65/80 MSPS A/D Converter
logo
Analog Devices
AD9289 AD-AD9289 Datasheet
1Mb / 16P
   Quad 8-Bit, 65 MSPS Serial LVDS 3V A/D Converter
Rev. PrJ 6/25/2004
logo
Intersil Corporation
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
   12-Bit, 65 MSPS A/D Converter
logo
Analog Devices
AD10677 AD-AD10677_15 Datasheet
625Kb / 20P
   16-Bit, 65 MSPS A/D Converter
Rev. D
AD10677 AD-AD10677 Datasheet
643Kb / 10P
   16-Bit, 65 MSPS A/D Converter
REV. B
AD9216 AD-AD9216 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com