Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC78H90 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza ADC78H90
Descripción Electrónicos  8-Channel, 500 kSPS, 12-Bit A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC78H90 Datasheet(HTML) 3 Page - Texas Instruments

  ADC78H90_14 Datasheet HTML 1Page - Texas Instruments ADC78H90_14 Datasheet HTML 2Page - Texas Instruments ADC78H90_14 Datasheet HTML 3Page - Texas Instruments ADC78H90_14 Datasheet HTML 4Page - Texas Instruments ADC78H90_14 Datasheet HTML 5Page - Texas Instruments ADC78H90_14 Datasheet HTML 6Page - Texas Instruments ADC78H90_14 Datasheet HTML 7Page - Texas Instruments ADC78H90_14 Datasheet HTML 8Page - Texas Instruments ADC78H90_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADC78H90
www.ti.com
SNAS227D – NOVEMBER 2003 – REVISED MARCH 2013
Operating Ratings
(1) (2)
Operating Temperature Range
−40°C ≤ TA ≤ +85°C
AVDD Supply Voltage
+2.7V to +5.25V
DVDD Supply Voltage
+2.7V to AVDD
Digital Input Pins Voltage Range
-0.3V to AVDD
Clock Frequency
50 kHz to 8 MHz
Analog Input Voltage
0V to AVDD
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
All voltages are measured with respect to GND = 0V, unless otherwise specified.
Package Thermal Resistance
Package
θJA
16-lead TSSOP on 4-layer, 2 oz. PCB
96°C / W
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC78H90


Número de pieza similar - ADC78H90_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC78H90CIMT NSC-ADC78H90CIMT Datasheet
828Kb / 16P
   8-Channel, 500 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC78H90CIMT TI1-ADC78H90CIMT Datasheet
1Mb / 23P
[Old version datasheet]   12-Bit A/D Converter
ADC78H90CIMT/NOPB TI1-ADC78H90CIMT/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   12-Bit A/D Converter
logo
National Semiconductor ...
ADC78H90CIMTX NSC-ADC78H90CIMTX Datasheet
828Kb / 16P
   8-Channel, 500 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC78H90CIMTX/NOPB TI1-ADC78H90CIMTX/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   12-Bit A/D Converter
More results

Descripción similar - ADC78H90_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC78H90 NSC-ADC78H90 Datasheet
828Kb / 16P
   8-Channel, 500 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S052 NSC-ADC128S052 Datasheet
826Kb / 18P
   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC78H89 NSC-ADC78H89 Datasheet
825Kb / 16P
   7-Channel, 500 KSPS, 12-Bit A/D Converter
ADC122S051 NSC-ADC122S051 Datasheet
930Kb / 19P
   2 Channel, 500 kSPS 12-Bit A/D Converter
ADC78H89CIMT NSC-ADC78H89CIMT Datasheet
828Kb / 16P
   7-Channel, 500 KSPS, 12-Bit A/D Converter
ADC124S051 NSC-ADC124S051 Datasheet
926Kb / 19P
   4 Channel, 500 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC78H89 TI1-ADC78H89_14 Datasheet
1Mb / 23P
[Old version datasheet]   7-Channel, 500 KSPS, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com