Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R-50C-SC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza R-50C-SC
Descripción Electrónicos  ICT 50C PROBE AND RECEPTACLE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

R-50C-SC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  R-50C-SC Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
57
Interconnect Devices, Inc. • Fax: 913-342-7043 • Tel: 913-342-5544 • www.idinet.com
.050 CENTERS
SIZE 50C
ICT Series
BECU PLUNGERS
STEEL PLUNGERS
ICT 50C PROBE AND RECEPTACLE
Minimum Centers: .050 (1,27)
Current Rating: 3 amps
continuous
Spring Force: 3.2 or 5.4 oz. @
.170 (4,32) travel
Contact Resistance: <17 mΩ
Minimum Travel:
.250 (6,35) for headless tips
.232 (5,89) for headed tips
Working Travel: .170 (4,32)
Rated Force
Preload
oz (gms)
oz (gms)
3.2 (91)
2.0 (57)
5.4 (153)
2.0 (57)
PROBE SPECIFICATIONS
Connections:
RC-0-CR: Crimp
RC-0-SC: Solder Cup
RC-0-WW-016: Wire Wrap,
.016 (0,41) square post,
.250 (6,35) length
RC-0-WW-025: Wire Wrap,
.025 (0,64) square post,
.300 (7,62) length
RC-0-DS: DuraSeal®, 30 or 28
gage wire, vacuum sealed
RC-0-WT: Wire plug receptacle
WT-EZ: Wire plug terminal
RECEPTACLE SPECIFICATIONS
A
J
B
HS
M
R
S
SP
SW
T
TL
UR
Z
.040
(1,02)
.035
(0,89)
.024
(0,61)
.272
(6,91)
.031
(0,79)
1.362
(34,59)
1.572
(39,93)
.310
(7,87)
1.242
(31,55)
1.032
(26,21)
.040
±.0005
(1,02)
.0375
(0,95)
.028
(0,71)
.022
(0,56)
.058
(1,47)
ACTUAL
SIZE
Specifications subject to change without notice. Dimensions in inches (millimeters)
View updates of this information at http://www.idinet.com
HOW TO ORDER: SPRING CONTACT PROBE
RECEPTACLE
ICT
50C
5.4
G
SERIES
SIZE
SPRING
FORCE
PLATING
OPTION
S
STEEL
PLUNGER
OPTION
TIP
STYLE
T
RC
0
SERIES
SIZE
TERMINATION
CR
SPRING FORCE:
3.2 oz. @ .170 (4,32) travel
5.4 oz. @ .170 (4,32) travel
CRIMPING PLIERS: CPRC0
INSERTION TOOL: RTRC0
TERMINATIONS:
CR: Crimp
SC: Solder Cup
WW-016: Wire wrap .016 sq
WW-025: Wire Wrap .025 sq
DS: DuraSeal
WT: Wire Plug Receptacle**
WT-EZ: Wire Plug Terminal*
SERIES:
ICT: High Performance
S: Standard
.035
(0,89)
.024
(0,61)
90°
30°
10°
60°
74°
.024
(0,61)
.024
(0,61)
.024
(0,61)
.029
(0,74)
60°
.035
(0,89)
.024
(0,61)
.024
(0,61)
.016
(0,41)
.024
(0,61)
.024
(0,61)
.024
(0,61)
.035
(0,89)
60°
30°
30°
Barrel: G2
Spring: Music wire, gold plated
Plunger: Full-hard beryllium
copper or steel, gold plated
over nickel
Receptacle: Beryllium copper,
gold plated
Terminal: Nickel/silver, gold
plated
MATERIALS
Recommended Wire:
28-30 gage
Drill Size: #61
Mounting Hole Size:
.0385/.0390 (0,98/0,99)
* Unless otherwise specified, wire length 36", strip length 1", 30 gage Kynar
** Requires WT-EZ plug-in terminal
RC-50-J-DE:
The RC Receptacle is also
available for wireless test
fixtures. See page 62 for
more information.
NEW
NEW
NEW


Número de pieza similar - R-50C-SC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Keysight Technologies
R-50C-011-3 KEYSIGHT-R-50C-011-3 Datasheet
1Mb / 14P
   P-Series Power Meters and
R-50C-011-5 KEYSIGHT-R-50C-011-5 Datasheet
1Mb / 14P
   P-Series Power Meters and
R-50C-016-3 KEYSIGHT-R-50C-016-3 Datasheet
1Mb / 14P
   P-Series Power Meters and
R-50C-016-5 KEYSIGHT-R-50C-016-5 Datasheet
1Mb / 14P
   P-Series Power Meters and
R-50C-021-3 KEYSIGHT-R-50C-021-3 Datasheet
1Mb / 14P
   P-Series Power Meters and
More results

Descripción similar - R-50C-SC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
S-4-H-7-G ETC2-S-4-H-7-G Datasheet
148Kb / 1P
   S 4 PROBE AND RECEPTACLE
S-3-A-4-G ETC2-S-3-A-4-G Datasheet
136Kb / 1P
   S 3 PROBE AND RECEPTACLE
S-4-C-5-G ETC2-S-4-C-5-G Datasheet
148Kb / 1P
   S 4 PROBE AND RECEPTACLE
SS-18-7-G ETC2-SS-18-7-G Datasheet
203Kb / 2P
   SS-100/GSS-100 PROBE AND RECEPTACLE
R-SS-100-WW ETC2-R-SS-100-WW Datasheet
200Kb / 3P
   SS-100/GSS-100 PROBE AND RECEPTACLE
logo
Vaisala
HMP110 VAISALA-HMP110 Datasheet
208Kb / 3P
   Humidity and Temperature Probe
HMP113 VAISALA-HMP113 Datasheet
195Kb / 3P
   Humidity and Temperature Probe
HMP63 VAISALA-HMP63 Datasheet
202Kb / 3P
   Humidity and Temperature Probe
HMP60 VAISALA-HMP60 Datasheet
286Kb / 3P
   Humidity and Temperature Probe
HMP8 VAISALA-HMP8 Datasheet
570Kb / 3P
   Relative Humidity and Temperature Probe
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com