Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BZX55C13 Datasheet(PDF) 2 Page - GOOD-ARK Electronics |
|
BZX55C13 Datasheet(HTML) 2 Page - GOOD-ARK Electronics |
2 / 3 page Notes: (1) Tested with pulses tp=20ms. (2) Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case. (3) The BZX55-C0V8 is a silicon diode with operation in forward direction. Hence, the index of all parameters should be F instead of Z. Connect the cathode lead to the negative pole. Type Zener voltage range 1) D ynam ic resistance R everse leakage current Tem p. coefficient of Zener voltage V znom I ZT fo r V ZT 2) r zjT an d rzjk at IZK I R an d IR 2) at V R TK VZ Vm A V m A uA uA V % /K B ZX 55/C 0V 8 0.8 5 0.73 ... 0.83 <8 <50 1 - - - -0.26 ... -0.23 B ZX 55/C 2V 0 2.0 5 1.9 ... 2.1 <85 <600 1 <100 <200 1 -0.09 ... -0.06 B ZX 55/C 2V 4 2.4 5 2.28 ... 2.56 <85 <600 1 <50 <100 1 -0.09 ... -0.06 B ZX 55/C 2V 7 2.7 5 2.5 ... 2.9 <85 <600 1 <10 <50 1 -0.09 ... -0.06 B ZX 55/C 3V 0 3.0 5 2.8 ... 3.2 <85 <600 1 <4 <40 1 -0.08 ... -0.05 B ZX 55/C 3V 3 3.3 5 3.1 ... 3.5 <85 <600 1 <2 <40 1 -0.08 ... -0.05 B ZX 55/C 3V 6 3.6 5 3.4 ... 3.8 <85 <600 1 <2 <40 1 -0.08 ... -0.05 B ZX 55/C 3V 9 3.9 5 3.7 ... 4.1 <85 <600 1 <2 <40 1 -0.08 ... -0.05 B ZX 55/C 4V 3 4.3 5 4.0 ... 4.6 <75 <600 1 <1 <20 1 -0.06 ... -0.03 B ZX 55/C 4V 7 4.7 5 4.4 ... 5.0 <60 <600 1 <0.5 <10 1 -0.05 ... +0.02 B ZX 55/C 5V 1 5.1 5 4.8 ... 5.4 <35 <550 1 <0.1 <2 1 -0.02 ... +0.02 B ZX 55/C 5V 6 5.6 5 5.2 ... 6.0 <25 <450 1 <0.1 <2 1 -0.05 ... +0.05 B ZX 55/C 6V 2 6.2 5 5.8 ... 6.6 <10 <200 1 <0.1 <2 2 0.03 ... 0.06 B ZX 55/C 6V 8 6.8 5 6.4 ... 7.2 <8 <150 1 <0.1 <2 3 0.03 ... 0.07 B ZX 55/C 7V 5 7.5 5 7.0 ... 7.9 <7 <50 1 <0.1 <2 5 0.03 ... 0.07 B ZX 55/C 8V 2 8.2 5 7.7 ... 8.7 <7 <50 1 <0.1 <2 6.2 0.03 ... 0.08 B ZX 55/C 9V 1 9.1 5 8.5 ... 9.6 <10 <50 1 <0.1 <2 6.8 0.03 ... 0.09 B ZX 55/C 10 10 5 9.4 ... 10.6 <15 <70 1 <0.1 <2 7.5 0.03 ... 0.1 B ZX 55/C 11 11 5 10.4 ... 11.6 <20 <70 1 <0.1 <2 8.2 0.03 ... 0.11 B ZX 55/C 12 12 5 11.4 ... 12.7 <20 <90 1 <0.1 <2 9.1 0.03 ... 0.11 B ZX 55/C 13 13 5 12.4 ... 14.1 <26 <110 1 <0.1 <2 10 0.03 ... 0.11 B ZX 55/C 15 15 5 13.8 ... 15.6 <30 <110 1 <0.1 <2 11 0.03 ... 0.11 B ZX 55/C 16 16 5 15.3 ... 17.1 <40 <170 1 <0.1 <2 12 0.03 ... 0.11 B ZX 55/C 18 18 5 16.8 ... 19.1 <50 <170 1 <0.1 <2 13 0.03 ... 0.11 B ZX 55/C 20 20 5 18.8 ... 21.2 <55 <220 1 <0.1 <2 15 0.03 ... 0.11 B ZX 55/C 22 22 5 20.8 ... 23.3 <55 <220 1 <0.1 <2 16 0.04 ... 0.12 B ZX 55/C 24 24 5 22.8 ... 25.6 <80 <220 1 <0.1 <2 18 0.04 ... 0.12 B ZX 55/C 27 27 5 25.1 ... 28.9 <80 <220 1 <0.1 <2 20 0.04 ... 0.12 B ZX 55/C 30 30 5 28 ... 32 <80 <220 1 <0.1 <2 22 0.04 ... 0.12 B ZX 55/C 33 33 5 31 ... 35 <80 <220 1 <0.1 <2 24 0.04 ... 0.12 B ZX 55/C 36 36 5 34 ... 38 <80 <220 1 <0.1 <2 27 0.04 ... 0.12 B ZX 55/C 39 39 2.5 37 ... 41 <90 <500 0.5 <0.1 <5 30 0.04 ... 0.12 B ZX 55/C 43 43 2.5 40 ... 46 <90 <500 0.5 <0.1 <5 33 0.04 ... 0.12 B ZX 55/C 47 47 2.5 44 ... 50 <110 <600 0.5 <0.1 <5 36 0.04 ... 0.12 B ZX 55/C 51 51 2.5 48 ... 54 <125 <700 0.5 <0.1 <10 39 0.04 ... 0.12 B ZX 55/C 56 56 2.5 52 ... 60 <135 <700 0.5 <0.1 <10 43 0.04 ... 0.12 B ZX 55/C 62 62 2.5 58 ... 66 <150 <1000 0.5 <0.1 <10 47 0.04 ... 0.12 B ZX 55/C 68 68 2.5 64 ... 72 <200 <1000 0.5 <0.1 <10 51 0.04 ... 0.12 B ZX 55/C 75 75 2.5 70 ... 79 <250 <1000 0.5 <0.1 <10 56 0.04 ... 0.12 B ZX 55/C 82 82 2.5 77 ... 87 <300 <1500 0.25 <0.1 <10 62 0.05 ... 0.12 B ZX 55/C 91 91 1 85 ... 96 <450 <2000 0.1 <0.1 <10 68 0.05 ... 0.12 B ZX 55/C 100 100 1 94 ... 106 <450 <5000 0.1 <0.1 <10 75 0.05 ... 0.12 B ZX 55/C 110 110 1 104 ... 116 <600 <5000 0.1 <0.1 <10 82 0.05 ... 0.12 B ZX 55/C 120 120 1 114 ... 127 <800 <5500 0.1 <0.1 <10 91 0.05 ... 0.12 B ZX 55/C 130 130 1 124 ... 141 <950 <6000 0.1 <0.1 <10 100 0.05 ... 0.12 B ZX 55/C 150 150 1 138 ... 156 <1250 <6500 0.1 <0.1 <10 110 0.05 ... 0.12 B ZX 55/C 160 160 1 153 ... 171 <1400 <7000 0.1 <0.1 <10 120 0.05 ... 0.12 B ZX 55/C 180 180 1 168 ... 191 <1700 <8500 0.1 <0.1 <10 130 0.05 ... 0.12 B ZX 55/C 200 200 1 188 ... 212 <2000 <10000 0.1 <0.1 <10 150 0.05 ... 0.12 2 |
Número de pieza similar - BZX55C13 |
|
Descripción similar - BZX55C13 |