Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N3595 Datasheet(PDF) 1 Page - Microsemi Corporation

No. de pieza 1N3595
Descripción Electrónicos  Six sigma quality
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N3595 Datasheet(HTML) 1 Page - Microsemi Corporation

  1N3595 Datasheet HTML 1Page - Microsemi Corporation 1N3595 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6 Lake Street - Lawrence, MA 01841
Tel: 978-681-0392 - Fax: 978-681-9135
Maximum Ratings
Symbol
Value
Unit
Peak Inverse Voltage
PIV
150 (Min.)
Volts
Average Rectified Current
I
Avg
150
mAmps
Continuous Forward Current
I
Fdc
150
mAmps
Peak Surge Current (t
peak = 1 µsec.)
I
peak
4.0
Amps
BKC Power Dissipation @ T
L =50
oC, L= 3/8" from body
P
tot
500
mWatts
Storage & Operating Temperature Range
T
St & Op
-65 to +200
o C
Electrical Characteristics @ 25 oC
Symbol
Minimum
Maximum
Unit
Forward Voltage Drop @ I
F = 1 mA
V
F
0.52
0.68
Volts
Forward Voltage Drop @ I
F = 5 mA
V
F
0.60
0.75
Volts
Forward Voltage Drop @ I
F = 10 mA
V
F
0.65
0.80
Volts
Forward Voltage Drop @ I
F = 50 mA
V
F
0.74
0.88
Volts
Forward Voltage Drop @ I
F = 100 mA
V
F
0.79
0.92
Volts
Forward Voltage Drop @ I
F = 200 mA
V
F
0.83
1.0
Volts
Reverse Leakage Current @ V
R = 125 V
I
R
1.0
nA
Reverse Leakage Current @ V
R = 125 V
I
R
500 @ 150 oC
nA
Capacitance @ V
R = 0 V,
f = 1mHz
C
T
8.0
pF
Reverse Recovery Time (note 1)
t
rr
3.0
µSecs
Note 1: Per Method 4031-B of MIL-STD-750 with I
F = 10 mA, VR = 35V, RL = 1.0K Ohms, C = 10 Pf
For military parts use the 1N3595-1 number with the appropriate JAN, JTX or JTXV prefix.
The SMD DO-213AA comes in commercial (LL3595) and military versions (1N3595UR-1).
DO-35 Glass Package
(nominal dimensions)
Dia.
0.070"
1.8 mm
0.020"
0.50 mm
1.0"
25.4 mm
(Min.)
Length
0.145"
3.7 mm
chip
glass
Applications
Used in instrumentation applications, where low leakage and high voltage
isolation are important.
Low Leakage Diode
DO-35 Glass Package
1N3595
Features
Six sigma quality
Metallurgically bonded
BKC's Sigma Bond™ plating
for problem free solderability
LL-34/35 MELF SMD available
Full approval to Mil-S-19500/241
Available up to JANTXV-1 levels
"S" level screening available to Source Control Drawings using a
DO-35 tungsten, hard glass voidless package for Space applications


Número de pieza similar - 1N3595

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
1N3595 FAIRCHILD-1N3595 Datasheet
34Kb / 2P
   Small Signal Diode Absolute Maximum Ratings
logo
Microsemi Corporation
1N3595 MICROSEMI-1N3595 Datasheet
127Kb / 2P
   Low Leakage Diode
logo
List of Unclassifed Man...
1N3595 ETC-1N3595 Datasheet
36Kb / 1P
   HIGH CONDUCTANCE LOW LEAKAGE DIODES
logo
Fairchild Semiconductor
1N3595 FAIRCHILD-1N3595 Datasheet
336Kb / 10P
   General Purpose Diodes
logo
New Jersey Semi-Conduct...
1N3595 NJSEMI-1N3595 Datasheet
113Kb / 1P
   low leakage planar diode.
More results

Descripción similar - 1N3595

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
MCP3903 MICROCHIP-MCP3903 Datasheet
1Mb / 54P
   Six Channel Delta Sigma A/D Converter
2011
logo
Cirrus Logic
CS5451A CIRRUS-CS5451A Datasheet
188Kb / 14P
   SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
CS5451A CIRRUS-CS5451A_05 Datasheet
160Kb / 13P
   Six-channel, Delta-sigma Analog-to-digital Converter
CS5451A CIRRUS-CS5451A_10 Datasheet
121Kb / 14P
   Six-channel, Delta-sigma Analog-to-digital Converter
logo
List of Unclassifed Man...
CS5451 ETC-CS5451 Datasheet
365Kb / 14P
   SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
logo
Shenzhen Huazhimei Semi...
HM226NS HMSEMI-HM226NS Datasheet
581Kb / 7P
   Six touch six output IC
HM226S HMSEMI-HM226S Datasheet
563Kb / 7P
   Six touch six output IC
logo
Bel Fuse Inc.
QUAL-MANU-01 BEL-QUAL-MANU-01 Datasheet
3Mb / 55P
   QUALITY MANUAL
logo
National Semiconductor ...
LMH6321TS NSC-LMH6321TS Datasheet
24Kb / 2P
   VP Quality
logo
IXYS Corporation
MIXA80W1200TED IXYS-MIXA80W1200TED Datasheet
268Kb / 7P
   Six-Pack
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com