Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

2SC5658-HF Datasheet(PDF) 3 Page - Infineon Technologies AG

No. de Pieza. 2SC5658-HF
Descripción  General Purpose Transistor
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo 

2SC5658-HF Datasheet(HTML) 3 Page - Infineon Technologies AG

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RATING AND CHARACTERISTIC CURVES (2S5658-HF)
Page 3
QW-JTR07
REV: A
Comchip
S M D D i o d e S p e c i a l i s t
0.1
Reverse Voltage,V (V)
0.1
50
Fig.7- Cob/Cib — VCE/VEB
1
10
20
10
1
General Purpose Transistor
0
Ambient Temperature,Ta (°C)
0
125
Fig.8 - PC — Ta
25
50
75
125
75
f=1MHZ
IE=0/IC=0
Ta=25°C
25
50
100
100
150
Cib
Cob
Comchip Technology CO., LTD.


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn