Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

2SC5658-HF Datasheet(PDF) 5 Page - Infineon Technologies AG

No. de Pieza. 2SC5658-HF
Descripción  General Purpose Transistor
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo 

2SC5658-HF Datasheet(HTML) 5 Page - Infineon Technologies AG

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Part Number
2SC5658-HF
Rank
BQ
Marking Code
Suggested PAD Layout
SIZE
(inch)
0.003
(mm)
0.70
0.65
0.65
0.026
0.026
SOT-723
0.55
0.022
E
0.30
0.012
Standard Packaging
Case Type
Qty Per Reel
(Pcs)
8,000
SOT-723
Reel Size
(inch)
7
A
B
C
D
Page 5
QW-JTR07
REV: A
Comchip
S M D D i o d e S p e c i a l i s t
General Purpose Transistor
XX
3
1
2
xx = Product type marking code
B
H
C
D
A
G
E
I
0.80
0.35
0.031
0.014
0.90
0.035
I
0.35
0.014
F
G
H
Marking Code
Q
R
S
BR
BS
Comchip Technology CO., LTD.


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn