Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

2SC5658-HF Datasheet(PDF) 1 Page - Infineon Technologies AG

No. de Pieza. 2SC5658-HF
Descripción  General Purpose Transistor
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2SC5658-HF Datasheet(HTML) 1 Page - Infineon Technologies AG

  2SC5658-HF Hoja de datos HTML 1Page - Infineon Technologies AG 2SC5658-HF Hoja de datos HTML 2Page - Infineon Technologies AG 2SC5658-HF Hoja de datos HTML 3Page - Infineon Technologies AG 2SC5658-HF Hoja de datos HTML 4Page - Infineon Technologies AG 2SC5658-HF Hoja de datos HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
QW-JTR07
Page 1
REV: A
Symbol
Parameter
Conditions
Min
Max
Unit
Electrical Characteristics (at TA=25°C unless otherwise noted)
Collector-Base breakdown voltage
0.1
IC =50μA , IE=0
Collector-Emitter breakdown voltage
Emitter-Base breakdown voltage
Collector cut-off current
Emitter cut-off current
DC current gain
Collector-Emitter saturation voltage
Transition frequency
IC =1mA , IB=0
IE =50μA , IC=0
VCB=60V , IE=0
VEB=7V , IC=0
VCE=6V , IC=1mA
IC=50mA , IB=5mA
VCE=12V , IC=2mA
f=100MHZ
V(BR)CBO
V(BR)CEO
V(BR)EBO
ICBO
IEBO
hFE
VCE(sat)
fT
50
60
7
0.1
120
0.4
V
V
V
µA
µA
V
MHZ
Output capacitance
Cob
VCB=12V , IE=0
f=1MHZ
pF
3.5
560
Typ
180
Comchip
S M D D i o d e S p e c i a l i s t
General Purpose Transistor
Features
-Low Cob.
Symbol
Parameter
Value
Unit
Absolute Maximum Ratings (at TA=25°C )
Collector-Base voltage
150
Collector-Emitter voltage
Emitter-Base voltage
Collector dissipation
Collector current- continuous
Junction temperature
VCBO
VCEO
VEBO
IC
PC
TJ
50
60
7
100
150
V
V
V
mA
µA
µA
Storage temperature
TSTG
-55 ~ +150
µA
2SC5658-HF (NPN)
RoHS Device
R
Rank
Q
S
Range
120~270
180~390
270~560
Dimensions in inches and (millimeter)
SOT-723
0.049(1.25)
0.045(1.15)
0.011(0.270)
0.007(0.170)
0.015(0.370)
0.011(0.270)
0.033(0.850)
0.030(0.750)
0.006(0.15)
Max.
0.006(0.15)
Max.
0.002(0.050)
Max.
0.020(0.50)
Max.
1
2
3
Mechanical data
-Case: SOT-723, molded plastic.
-Terminals: solderable per MIL-STD-750,
method 2026.
Circuit diagram
3
1
2
-1.BASE
-2.EMITTER
-3.COLLECTOR
0.031(0.800)
Typ.
0.049(1.250)
0.045(1.150)
Halogen Free
Company reserves the right to improve product design , functions and reliability without notice.
Comchip Technology CO., LTD.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn