Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza BC1
Descripción Electrónicos  Rheostat Variable Power Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

BC1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BC1 Datasheet HTML 1Page - List of Unclassifed Manufacturers BC1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Website : http://www.raraohm.co.kr Email : sg@raraohm.com
APR 29, 2014
Model: BC1
1000W-3000W
Model: BC1-N
1000W-3000W
Note :
1. Single resistor with power rating 500W
2. 1000W(Two resistors series connection or parallel)
3. 1500W(Three resistors series connection or parallel)
4. 2000W(Four resistors series connection or parallel)
5. 2500W(Five resistors series connection or parallel)
6. 3000W(Six resistors series connection or parallel)
7. Model BC1-N series with the knob in the bottom
Power
rating
Dimensions(mm)
A± 3
B± 3
C± 3
1000W
216
198
214
1500W
298
2000W
396
2500W
496
3000W
595
■ DERATING CURVES
■ ORDERING PROCEDURE EXAMPLE


Número de pieza similar - BC1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cooper Bussmann, Inc.
BC1 COOPER-BC1 Datasheet
105Kb / 1P
   Single Row Terminal Blocks Continued
BC1-2 COOPER-BC1-2 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
B. B. Battery Co., Ltd.
BC10-12 BB-BATTERY-BC10-12 Datasheet
229Kb / 2P
   Absorbent Glass mat technology for efficient gas recombinatino
BC10-12-T2 BB-BATTERY-BC10-12-T2 Datasheet
229Kb / 2P
   VRLA Rechargeable Battery
logo
Turck, Inc.
BC10-M30K-RZ3X-B3131 TURCK-BC10-M30K-RZ3X-B3131 Datasheet
191Kb / 2P
   Capacitive sensor
More results

Descripción similar - BC1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Token Electronics Indus...
FVR25W2.5KRK TOKEN-FVR25W2.5KRK Datasheet
356Kb / 3P
   FVR Rheostat Variable Power Resistors
logo
Vishay Siliconix
RT12 VISHAY-RT12 Datasheet
122Kb / 2P
   Wirewound Rheostat/Potentiometer
Revision 27-Jun-02
RT25 VISHAY-RT25 Datasheet
118Kb / 3P
   Wirewound Rheostat/Potentiometer
Revision: 24-Sep-08
RT500 VISHAY-RT500 Datasheet
95Kb / 3P
   Wirewound Rheostat/Potentiometer
Revision: 24-Sep-08
RT500 VISHAY-RT500_16 Datasheet
94Kb / 4P
   Wirewound Rheostat / Potentiometer
Revision: 24-Aug-16
logo
Intersil Corporation
ISL90842 INTERSIL-ISL90842_06 Datasheet
673Kb / 10P
   Quad Digitally Controlled Variable Resistors
logo
Dallas Semiconductor
DS1668 DALLAS-DS1668 Datasheet
70Kb / 10P
   ELECTRONIC DIGITAL RHEOSTAT
logo
Vishay Siliconix
RT12 VISHAY-RT12_08 Datasheet
109Kb / 3P
   Wirewound Rheostat/Potentiometer
Revision: 24-Sep-08
RT55 VISHAY-RT55 Datasheet
157Kb / 2P
   Wirewound Rheostat/Potentiometer
Revision 27-Jun-02
RT55 VISHAY-RT55_16 Datasheet
98Kb / 4P
   Wirewound Rheostat / Potentiometer
Revision: 24-Aug-16
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com