Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES2K Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

No. de pieza ES2K
Descripción Electrónicos  SUPER FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Página de inicio  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

ES2K Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  ES2K Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. ES2K Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10
NUMBER OF CYCLES AT 60 Hz
100
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
AMBIENT TEMPERATURE, C
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
PERCENT OF PEAK REVERSE VOLTAGE,%
25
50
75
100
125
150
175
0
20
40
6080100
0.01
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
0
0.4
0.8
1.2
1.6
1.8
1,000
100
10
1
0.1
TJ=100 C
TJ=25 C
0.1
20
10
2
1.6
1.2
0.8
0.4
0
0
0
50
40
30
20
10
0
1
TJ=25 C
PULSE WIDTH=300
µs
1%DUTY CYCLE
E
S2K
H
E
G
D
B
C
Cathode
Band
SMB-(DO-214AA)
MIN
MAX
MIN
MAX
A
0.083
0.096
2.13
2.44
B
0.075
0.083
1.91
2.11
C
0.002
0.008
0.051
0.203
D
——
0.02
——
0.51
E
0.030
0.0
60
0.76
1.
52
G
0.
189
0.220
4.80
5.59
H
0.160
0.185
4.06
4.70
J
0.130
0.155
3.30
3.94
DIMENSIONS
DIM
INCHES
MM
NOTE
http://www.trr-jx.com
SUPER FAST RECTIFIER
Surface Mount
– 2
ES2K


Número de pieza similar - ES2K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
ES2K MCC-ES2K Datasheet
902Kb / 3P
   2 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
TAITRON Components Inco...
ES2K TAITRON-ES2K Datasheet
229Kb / 4P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
ES2K WINNERJOIN-ES2K Datasheet
414Kb / 3P
   Fast RecoverySilicon Rectifier
logo
Microdiode Electronics ...
ES2K CHENDA-ES2K Datasheet
877Kb / 3P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Yangzhou yangjie electr...
ES2K YANGJIE-ES2K Datasheet
448Kb / 4P
   Surface Mount Super Fast Recovery Rectifier
More results

Descripción similar - ES2K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Yangzhou yangjie electr...
SF11 YANGJIE-SF11 Datasheet
145Kb / 2P
   Super Fast Rectifier
logo
Galaxy Semi-Conductor H...
SF11 BILIN-SF11 Datasheet
52Kb / 2P
   SUPER FAST RECTIFIER
SF31 BILIN-SF31 Datasheet
102Kb / 2P
   SUPER FAST RECTIFIER
SF51 BILIN-SF51 Datasheet
54Kb / 2P
   SUPER FAST RECTIFIER
BYM26A BILIN-BYM26A Datasheet
49Kb / 2P
   SUPER FAST RECTIFIER
SF17 BILIN-SF17 Datasheet
144Kb / 2P
   SUPER FAST RECTIFIER
logo
Jinan Jingheng (Group) ...
SF101 JINANJINGHENG-SF101 Datasheet
88Kb / 2P
   SUPER FAST RECTIFIER
SF201 JINANJINGHENG-SF201 Datasheet
89Kb / 2P
   SUPER FAST RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
SF31 CHENG-YI-SF31 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
SF51 CHENG-YI-SF51 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
logo
Galaxy Semi-Conductor H...
BYV27-50 BILIN-BYV27-50 Datasheet
124Kb / 2P
   SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com