Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMCJ64A Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

No. de pieza SMCJ64A
Descripción Electrónicos  TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Página de inicio  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SMCJ64A Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SMCJ64A Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SMCJ64A Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. SMCJ64A Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd. SMCJ64A Datasheet HTML 4Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
For surface mounted applications in
order to optimize board space
Low profile space
Glass passivated chip
Low inductance
Excellent clamping capability
Very fast response time
Typical ID less than 1µA at VWM
1500W peak pulse power capability
with a 10/1000
µs waveform
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Mechanical Date
Case: JEDEC DO-214AB molded plastic
over passivated chip
Terminals: Solder plated, solderable per
MIL-STD-750 Method 2026
Polarity: For uni-directional types the band
by laser denotes the cathode, which is
positive with respect to the anode under
normal TVS operation
Devices for Bidirectional Applications
For bi-directional devices, use suffix C or CA (e.g.SMCJ10C, SMCJ10CA).
Electrical characteristics apply in both directions.
Maximum Ratings & Thermal Characteristics
(TA = 25
°C unless otherwise noted)
Symbol
PPPM
IPPM
IFSM
RθJA
RθJL
TJ TSTG
VALUE
UNIT
Peak pulse power dissipation
with a 10/1000
µs waveform (see fig. 1)
1500
W
Typical thermal resistance, junction to ambient
75
°C / W
Peak pulse current
with a waveform (see fig. 3 , single pulse)
See Next Table
A
Peak forward surge current
8.3ms single half sine-wave uni-directional only
200
A
Typical thermal resistance, junction to lead
15
°C / W
Operating junction and storage temperature range
–55 to +150
°C
http://www.trr-jx.com
SMCJ5.0 THRU SMCJ188A
TRANSIENT VOLTAGE SUPPRESSORS


Número de pieza similar - SMCJ64A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Dc Components
SMCJ64A DCCOM-SMCJ64A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMCJ64A VISHAY-SMCJ64A Datasheet
96Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
logo
Taiwan Semiconductor Co...
SMCJ64A TSC-SMCJ64A Datasheet
177Kb / 5P
   1500 Watts Suface Mount Transient Voltage Suppressor
logo
Vishay Siliconix
SMCJ64A VISHAY-SMCJ64A Datasheet
109Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
logo
Taiwan Semiconductor Co...
SMCJ64A TSC-SMCJ64A Datasheet
109Kb / 5P
   Surface Mount Transient Voltage Suppressor
More results

Descripción similar - SMCJ64A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com