Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L6565 Datasheet(PDF) 4 Page - Hamamatsu Corporation

No. de pieza L6565
Descripción Electrónicos  The best light source is supported by the best electrode technology
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HAMAMATSU [Hamamatsu Corporation]
Página de inicio  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L6565 Datasheet(HTML) 4 Page - Hamamatsu Corporation

  L6565 Datasheet HTML 1Page - Hamamatsu Corporation L6565 Datasheet HTML 2Page - Hamamatsu Corporation L6565 Datasheet HTML 3Page - Hamamatsu Corporation L6565 Datasheet HTML 4Page - Hamamatsu Corporation L6565 Datasheet HTML 5Page - Hamamatsu Corporation L6565 Datasheet HTML 6Page - Hamamatsu Corporation L6565 Datasheet HTML 7Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DIMENSIONAL OUTLINES
y L7295, L7296, L7298
u L7292, L7293
i L7296-50
!0 L6999-50, L7174
Cross section of see-through type
o L6311-50, L6312-50
TLSOA0051EA
TLSOA0052EA
TLSOC0010EA
TLSOA0011EC
TLSOA0075EA
TLSOA0050EA
APERTURE
ANODE
CATHODE
CERAMIC
ELECTRODE
(REAR PIECE)
CERAMIC
ELECTRODE
(CENTER PIECE)
LIGHT OUTPUT
0.5 or 1.0
1.0
40
°
ARC POINT
6
CONNECTION
FILAMENT
FILAMENT·GND
ANODE
: BLUE
: BLACK
: RED
TLSOA0017ED
14
±1
30
±1
6
LIGHT OUTPUT
2- 3.3
23
±0.1 23±0.1
3+0.020
37.0
±0.1
52.0
±0.5
+0.038
3+0.020
+0.038
30
±1
ARC
POINT
ARC POINT
6
CONNECTION
FILAMENT
FILAMENT•GND
ANODE
: BLUE
: BLACK
: RED
ARC
POINT
50
±1
6
30
±1
FILAMENT
: BLUE
FILAMENT.GND : BLACK
ANODE
: RED
FILAMENT
: BLUE
FILAMENT
: BLUE
ANODE
: RED
CONNECTION
L7293
L7292
ARC
POINT
SCREW PORTION
1VACUUM SIDE FLANGE
2TIGHTENING SXREW
3STORRER
4ORING (JIS B2401)
CALL No. V15
15 mm I.D.
4 mm WIDTH
5SPACER
aMgF2 WINDOW
bGRADED SEAL
1
2
3
4
5
a
b
L7292, L7293 mounting example
on the vacuum system
LIGHT OUTPUT
2- 3.3
22.0
±0.1 22.0±0.1
3+0.05
28
±1
ARC
POINT
ARC
POINT
50
±1
35.0-0.1
CONNECTION
FILAMENT
FILAMENT
ANODE
: BLUE
: BLUE
: RED
+0.15
-0.05
6
LIGHT OUTPUT
2- 3.3
22.0
±0.1 22.0±0.1
15
±0.5
3+0.05
30
±1
ARC
POINT
50
±1
35.0-0.1
CONNECTION
FILAMENT
FILAMENT
ANODE
: BLUE
: BLUE
: RED
+0.15
-0.05
6
q L6301, L6302, L6565
w L6305, L6306, L6566
L6303, L6304, L6999
L7306, L7307
e L6307, L6308, L6309, L6310
t L6311, L6312
r
(Unit : mm)
28
±1
ARC POINT
6
TLSOA0020EC
L2D2 Lamps (Deuterium Lamps )
TLSOA0040EB
30
±1
TLSOA0041EC
ARC POINT
6
6
30
±1
ARC POINT
6
TLSOA0018ED
30
±1
ARC POINT
CONNECTION
FILAMENT
FILAMENT•GND
ANODE
TLSOA0039ED
6
: BLUE
: BLACK
: RED
CONNECTION
FILAMENT
FILAMENT
ANODE
: BLUE
: BLUE
: RED
CONNECTION
FILAMENT
FILAMENT
ANODE
: BLUE
: BLUE
: RED
FILAMENT
: BLUE
FILAMENT · GND : BLACK
ANODE
: RED
FILAMENT
: BLUE
FILAMENT
: BLUE
ANODE
: RED
CONNECTION
28
±1
ARC POINT
L6999/L7307
L6303/L6304/L7306
FILAMENT
: BLUE
FILAMENT.GND : BLACK
ANODE
: RED
CONNECTION
5


Número de pieza similar - L6565

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
L6565 STMICROELECTRONICS-L6565 Datasheet
255Kb / 17P
   QUASI-RESONANT SMPS CONTROLLER
L6565D STMICROELECTRONICS-L6565D Datasheet
255Kb / 17P
   QUASI-RESONANT SMPS CONTROLLER
L6565N STMICROELECTRONICS-L6565N Datasheet
255Kb / 17P
   QUASI-RESONANT SMPS CONTROLLER
More results

Descripción similar - L6565

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
MT2-C93422 MACOM-MT2-C93422 Datasheet
488Kb / 9P
   The Best Relaytion
V23105 MACOM-V23105 Datasheet
498Kb / 11P
   The Best Relaytion
IM00TS MACOM-IM00TS Datasheet
795Kb / 11P
   The Best Relaytion
IM07TS MACOM-IM07TS Datasheet
610Kb / 10P
   The Best Relaytion
logo
Roithner LaserTechnik G...
LFO-14-IP ROITHNER-LFO-14-IP Datasheet
126Kb / 1P
   best source
logo
Omron Electronics LLC
G2R1AEASIDC24 OMRON-G2R1AEASIDC24 Datasheet
2Mb / 14P
   The Best Seller G2R
G2R-1-DC12 OMRON-G2R-1-DC12 Datasheet
2Mb / 14P
   The Best Seller G2R
logo
Lumileds Lighting Compa...
L128-FRD1003500000 LUMILEDS-L128-FRD1003500000 Datasheet
2Mb / 26P
   The best performance, the most colors
20210816
logo
Roithner LaserTechnik G...
LFO-18 ROITHNER-LFO-18 Datasheet
125Kb / 1P
   best source for digital
logo
Seoul Semiconductor
STB0C2PB SEOUL-STB0C2PB Datasheet
1Mb / 18P
   Achieving the best system for Horticulture
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com