Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDD5810 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FDD5810
Descripción Electrónicos  N-Channel Logic Level Trench MOSFET 60V, 36A, 27m
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD5810 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDD5810 Datasheet HTML 1Page - Fairchild Semiconductor FDD5810 Datasheet HTML 2Page - Fairchild Semiconductor FDD5810 Datasheet HTML 3Page - Fairchild Semiconductor FDD5810 Datasheet HTML 4Page - Fairchild Semiconductor FDD5810 Datasheet HTML 5Page - Fairchild Semiconductor FDD5810 Datasheet HTML 6Page - Fairchild Semiconductor FDD5810 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FDD5810 Rev. A (W)
www.fairchildsemi.com
2
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Electrical Characteristics T
J = 25°C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
60
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current Continuous (VGS = 10V)
37
A
Drain Current Continuous (VGS = 5V)
33
A
Continuous (TA = 25oC, VGS = 10V, with RθJA = 52oC/W)
7.4
A
Pulsed
Figure 4
A
EAS
Single Pulse Avalanche Energy (Note 1)
45
mJ
PD
Power Dissipation
72
W
Derate above 25oC
0.48
W/oC
TJ, TSTG
Operating and Storage Temperature
-55 to 175
oC
RθJC
Maximum Thermal resistance Junction to Case TO-252
2.1
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-252, 1in2 copper pad area
52
oC/W
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDD5810
FDD5810
TO-252AA
330mm
16mm
2500 units
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250μA, VGS = 0V
60
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = 48V
-
-
1
μA
VGS = 0V
TC = 150oC
-
-
250
IGSS
Gate to Source Leakage Current
VGS = ±20V
-
-
±100
nA
VGS(TH)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250μA
1
1.6
2
V
RDS(ON)
Drain to Source On Resistance
ID = 32A, VGS = 10V
-
18
22
m
Ω
ID = 29A, VGS = 5V
-
22
27
ID = 32A, VGS = 10V,
TJ = 175oC
-
43
53
Ciss
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1MHz
-
1420
1890
pF
Coss
Output Capacitance
-
150
200
pF
Crss
Reverse Transfer Capacitance
-
65
100
pF
RG
Gate Resistance
f = 1MHz
-
3.5
-
Ω
Qg
Total Gate Charge at 10V
VGS = 0V to 10V
VDD = 30V
ID = 35A
-
24
34
nC
Qg
Total Gate Charge at 5V
VGS = 0V to 5V
-
13
18
nC
Qg(th)
Threshold Gate Charge
VGS = 0V to 1V
-
1.3
-
nC
Qgs
Gate to Source Gate Charge
-
4.0
-
nC
Qgs2
Gate Charge Threshold to Plateau
-
2.7
-
nC
Qgd
Gate to Drain “Miller” Charge
-
5.0
-
nC


Número de pieza similar - FDD5810

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDD5810 FAIRCHILD-FDD5810 Datasheet
266Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60V, 35A, 27mOhm
FDD5810 FAIRCHILD-FDD5810 Datasheet
359Kb / 7P
   N-Channel Logic Level Trench짰 MOSFET
logo
Inchange Semiconductor ...
FDD5810 ISC-FDD5810 Datasheet
310Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FDD5810-F085 ONSEMI-FDD5810-F085 Datasheet
350Kb / 8P
   N-Channel Logic Level Trench짰MOSFET
September-2017,Rev.1
logo
Fairchild Semiconductor
FDD5810 FAIRCHILD-FDD5810_07 Datasheet
359Kb / 7P
   N-Channel Logic Level Trench짰 MOSFET
More results

Descripción similar - FDD5810

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDD5810 FAIRCHILD-FDD5810_10 Datasheet
229Kb / 7P
   N-Channel Logic Level Trench짰 MOSFET 60V, 36A, 27m"||" "474244
Wolfson AudioPlus??Stereo CODEC with Power Managem
FDD24AN06LA0 FAIRCHILD-FDD24AN06LA0_11 Datasheet
861Kb / 8P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 36A, 24m廓
FDC855N FAIRCHILD-FDC855N Datasheet
278Kb / 6P
   Single N-Channel, Logic Level, PowerTrench짰 MOSFET 30V, 6.1A, 27m廓
FDB24AN06LA0 FAIRCHILD-FDB24AN06LA0 Datasheet
248Kb / 11P
   N-Channel PowerTrench MOSFET 60V, 36A, 24mohm
FDD24AN06LA0 FAIRCHILD-FDD24AN06LA0 Datasheet
226Kb / 11P
   N CHANNEL LOGIC LEVEL POWER TRENCH MOSFET
logo
MagnaChip Semiconductor...
MDD1754 MGCHIP-MDD1754 Datasheet
678Kb / 6P
   N-Channel Trench MOSFET, 40V, 20.5A, 27m(ohm)
logo
Fairchild Semiconductor
FDD26AN06A0 FAIRCHILD-FDD26AN06A0_11 Datasheet
876Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 36A, 26m廓
FDMC6296 FAIRCHILD-FDMC6296 Datasheet
274Kb / 7P
   Single N-Channel Logic-Level Power Trench MOSFET
FQB20N06L FAIRCHILD-FQB20N06L Datasheet
680Kb / 9P
   60V LOGIC N-Channel MOSFET
FQP20N06L FAIRCHILD-FQP20N06L Datasheet
673Kb / 8P
   60V LOGIC N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com