Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-3150-000E Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HCPL-3150-000E
Descripción Electrónicos  HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-3150-000E Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-3150-000E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-000E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-000E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
16 - Lead Surface Mount
HCPL-315J
10.36 ± 0.20
(0.408 ± 0.008)
(0.295 ± 0.004)
7.49 ± 0.10
(0.406 ± 0.007)
10.31 ± 0.18
(0.138 ± 0.005)
3.51 ± 0.13
(0.018)
0.457
(0.050)
1.27
16 15 14
11 10
9
123
6
7
8
VIEW
FROM
PIN 16
VIEW
FROM
PIN 1
(0.025 MIN.)
0.64
(0.408 ± 0.008)
10.36 ± 0.20
(0.0091 – 0.0125)
0.23 – 0.32
(0.345 ± 0.008)
8.76 ± 0.20
ALL LEADS TO BE COPLANAR ± (0.002 INCHES) 0.05 mm.
DIMENSIONS IN (INCHES) AND MILLIMETERS.
0 - 8°
(0.004 – 0.011)
0.10 – 0.30
STANDOFF
NOTE: FLOATING LEAD PROTRUSION IS 0.25 mm (10 mils) MAX.
(0.458) 11.63
(0.085) 2.16
(0.025) 0.64
LAND PATTERN RECOMMENDATION


Número de pieza similar - HCPL-3150-000E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150-300E AVAGO-HCPL-3150-300E Datasheet
242Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-3150-500E AVAGO-HCPL-3150-500E Datasheet
242Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
More results

Descripción similar - HCPL-3150-000E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150-300E AVAGO-HCPL-3150-300E Datasheet
242Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-3150-500E AVAGO-HCPL-3150-500E Datasheet
242Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-0500-500E AVAGO-HCPL-0500-500E Datasheet
691Kb / 17P
   HCPL-2502/0500/0501 Single Channel, High Speed Optocouplers
HCPL-M452 AVAGO-HCPL-M452 Datasheet
152Kb / 9P
   HCPL-M452/HCPL-M453 Small Outline, 5 Lead, High Speed Optocouplers
HCPL-2231 AVAGO-HCPL-2231 Datasheet
389Kb / 18P
   The HCPL-22XX, HCPL-02XX, and HCNW22XX are optically coupled logic gates. The HCPL??2XX, and HCPL-02XX contain a GaAsP LED while the HCNW22XX contains an AlGaAs LED.
HCNW139-000E AVAGO-HCNW139-000E Datasheet
167Kb / 14P
   6N139, 6N138, HCPL-0701, HCPL-0700, HCNW138, HCNW139 Low Input Current, High Gain Optocouplers
HCPL-0500-000E AVAGO-HCPL-0500-000E Datasheet
514Kb / 17P
   HCPL-2502/0452/0453/0500/0501/4502/4503 Single Channel, High Speed Optocouplers
HCPL-7510-360E AVAGO-HCPL-7510-360E Datasheet
586Kb / 17P
   HCPL-7510 Isolated Linear Sensing IC
HCPL-7860 AVAGO-HCPL-7860 Datasheet
244Kb / 18P
   The HCPL-7860/HCPL-786J Optically Isolated Modulator and HCPL-0872 Digital Interface IC or digital filter together form an isolated programmable two-chip analog-to-digital converter.
March 6, 2015
logo
Texas Instruments
TIL920 TI1-TIL920 Datasheet
75Kb / 5P
[Old version datasheet]   SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com