Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMART750 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza SMART750
Descripción Electrónicos  SmartPro .75kVA Line Interactive UPS, Tower USB 120V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

SMART750 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SMART750 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART750 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART750 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART750 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART750 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART750 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Battery replacement description
Hot-swappable, user replaceable batteries
VOLTAGE REGULATION
Voltage regulation description
Automatic voltage regulation (AVR) maintains line power operation with an input voltage range of 75V to 147V
Overvoltage correction
Input voltages between 128 and 147 are reduced by 12%
Undervoltage correction
Input voltages between 93 and 107 are boosted by 14%
Severe undervoltage correction
Input voltages between 75 and 92 are boosted by 30%
LEDS ALARMS & SWITCHES
LED Indicators
5 LEDs indicate line power, battery power, overload, voltage regulation and battery low/replace status
Alarms
Audible alarm indicates power-failure and low-battery conditions
Alarm cancel operation
Power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate
low-battery status
Switches
2 Switches control off/on power status and alarm-cancel/self-test operation
SURGE / NOISE SUPPRESSION
UPS AC suppression joule rating
510
UPS AC suppression response time
Instantaneous
EMI / RFI AC noise suppression
Yes
PHYSICAL
Installation form factors supported
with included accessories
Tower
Installation form factors supported
with optional accessories
Wallmount (UPSWM - tower mounting kit)
Primary form factor
Tower
UPS / Power Module dimensions in
primary form factor (height x width x
depth / inches)
11.8 x 7.2 x 7.5
UPS / Power Module dimensions in
primary form factor (height x width x
depth / cm)
29.8 x 18.4 x 19
UPS / Power Module weight (lbs)
23
UPS / Power Module weight (kg)
10.4
UPS Shipping dimensions (height x
width x depth / inches)
15.5 x 11 x 11.2
UPS Shipping dimensions (height x
width x depth / cm)
39.4 x 27.9 x 28.6
Shipping weight (lbs)
25
Shipping weight (kg)
11.4
UPS housing material
PVC
3 / 5


Número de pieza similar - SMART750

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SMART750RM1U ETC2-SMART750RM1U Datasheet
486Kb / 6P
   SmartPro .75kVA 600W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 1U Rackmount, USB
logo
Tripp Lite. All Rights ...
SMART750RM1UN TRIPPLITE-SMART750RM1UN Datasheet
171Kb / 6P
   SmartPro 120V 750VA 600W Line-Interactive Sine Wave UPS, 1U Rackmount, Pre-installed WEBCARDLX Network Interface, USB, DB9 Serial
SMART750RM1U TRIPPLITE-SMART750RM1U_15 Datasheet
481Kb / 5P
   SmartPro 120V 750VA 600W Line-Interactive Sine Wave UPS, SNMP, Webcard, 1U Rack-Mount, USB,DB9 Serial
logo
List of Unclassifed Man...
SMART750RMXL2U ETC2-SMART750RMXL2U Datasheet
516Kb / 7P
   SmartPro .75kVA 600W Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options
logo
Tripp Lite. All Rights ...
SMART750RMXL2UN TRIPPLITE-SMART750RMXL2UN Datasheet
182Kb / 6P
   SmartPro 120V 750VA 600W Line-Interactive Sine Wave UPS, 2U, Extended Run, WEBCARDLX, LCD, USB, DB9
More results

Descripción similar - SMART750

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tripp Lite. All Rights ...
SMART1050 TRIPPLITE-SMART1050_15 Datasheet
502Kb / 5P
   SmartPro 120V 1.05kVA 705W Line-Interactive UPS,Tower, 120V, USB port
logo
List of Unclassifed Man...
SMX750SLT ETC2-SMX750SLT Datasheet
501Kb / 6P
   SmartPro .75kVA Line Interactive Sine Wave UPS SNMPWEBCARD option, Tower, USB, Serial
logo
Tripp Lite. All Rights ...
SMART1500 TRIPPLITE-SMART1500_15 Datasheet
510Kb / 5P
   SmartPro 120V 1.5kVA 980W Line-Interactive UPS,Tower, USB, DB9 Serial
logo
List of Unclassifed Man...
SMART2200VS ETC2-SMART2200VS Datasheet
512Kb / 6P
   SmartPro 2.2kVA Line Interactive UPS, SNMPWEBCARD option, Tower, USB, Serial, 120V
logo
Tripp Lite. All Rights ...
SMART550USB TRIPPLITE-SMART550USB_15 Datasheet
494Kb / 5P
   SmartPro 120V 550VA 300W Line-Interactive UPS,Tower, USB, Tel-DSL Protection
SMART1300LCDT TRIPPLITE-SMART1300LCDT Datasheet
549Kb / 5P
   SmartPro LCD 120V 1300VA 720W Line-Interactive UPS, Tower, LCD Display, USB
logo
List of Unclassifed Man...
SMART1500XL ETC2-SMART1500XL Datasheet
510Kb / 7P
   SmartPro 1.5kVA Line Interactive UPS Extended-run option, Tower, USB, Serial, 120V
logo
Tripp Lite. All Rights ...
SMART750USB TRIPPLITE-SMART750USB_15 Datasheet
496Kb / 5P
   SmartPro 120V 750VA 450W Line-Interactive UPS,AVR (Boost only), Tower, USB
SMART1500LCDT TRIPPLITE-SMART1500LCDT Datasheet
550Kb / 5P
   SmartPro LCD 120V 1500VA 900W Line-Interactive UPS, Tower, LCD Display, USB
SMART700SER TRIPPLITE-SMART700SER Datasheet
491Kb / 4P
   SmartPro 120V 700VA 450W Line-Interactive UPS,Tower, DB9 Serial
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com