Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

90-340 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza 90-340
Descripción Electrónicos  2 POLE SWITCHING RELAYS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

90-340 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  90-340 Datasheet HTML 1Page - List of Unclassifed Manufacturers 90-340 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.white-rodgers.com
05
90-340 THRU 90-342 WR/RBM TYPE 91
A Two Pole Double Throw Semi-Enclosed Relay
90-340 Fits Fan Control Centers 90-112, 90-113, 90-118E and 90-119
SPECIFICATIONS
Temperature Range . . . . . . . . . . . . . . . . –40°F to 30°F
Mechanical Life (no load) . . . . . . . . . . . . ,000,000 operations, 20 operations/min.
Electrical Life (rated load). . . . . . . . . . . . 00,000 operations, 6 operations/min.
Load test making inrush ratings (0.4 to
0.5 P.F.); breaking 00% continuous rating
(0.65 to 0.8 P.F.)
Weight (approximate) . . . . . . . . . . . . . . . 6 oz
Agency . . . . . . . . . . . . . . . . . . . . . . . . . . U.L. file number E12139
C.S.A. file number LR13360
Coils, Frequency. . . . . . . . . . . . . . . . . . . 50/60 Hz
Coils, Insulation . . . . . . . . . . . . . . . . . . . Class B
Coils, Termination. . . . . . . . . . . . . . . . . . /4” Quick Connect
Coils, Operate. . . . . . . . . . . . . . . . . . . . . 85% of nominal coil voltage;
0% maximum safe operate
Coils, Duty Cycle . . . . . . . . . . . . . . . . . . Continuous
FEATURES
• Easy to install.
• Suited for use in vending machines, appliances, heating and air conditioning
applications and general purpose switching.
Model
Coil Voltage
Terminals
Terminals
COIL DATA
Number
(50/60 Hz)
1-2-3
4-5-6
DC Res.
MA
Nom. VA
Inrush VA
90-340
24
Power
Power
7.5
334
9.5
22
90-341
5/20
Power
Power
420
66
9.5
22
90-342
208/240
Power
Power
600
38
9.5
22
TWO POLE DOUBLE THROW (2PDT)
Fits Fan Control Center Receptacles
Voltage: 24 VAC
Cycle: 50/60 Hz
Volt: Amps
Inrush: 2.5
Sealed: 9.5
Resistance: 7.5Ω ± 0%
COIL RATING
Approximate Overall Dimensions
2/8” x 7/8” x 2/4
2 POLE
SWITCHING RELAYS
2FLA/60LRA
25 VAC
6FLA 35LRA
250/277 VAC
5A 277 VAC RES
/2HP 25/250 VAC
CONTACT RATINGS
6
2
1
4
3
5
1.640
1.859
2.109
2.078
2.375
2.156
2.218
90-340
?
Page 292


Número de pieza similar - 90-340

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Coilcraft lnc.
90-34 COILCRAFT-90-34 Datasheet
111Kb / 2P
   Axial Lead Chokes
More results

Descripción similar - 90-340

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Battery Group
ADJ PANASONICBATTERY-ADJ Datasheet
142Kb / 9P
   1-pole/2-pole 16A polarized power relays
logo
Panasonic Semiconductor
ADJ15005 PANASONIC-ADJ15005 Datasheet
142Kb / 9P
   1-pole/2-pole 16A polarized power relays Variety of contact arrangements
logo
Clare, Inc.
PAA140L CLARE-PAA140L Datasheet
128Kb / 6P
   Dual Pole OptoMOS Relays
LCA126 CLARE-LCA126 Datasheet
100Kb / 6P
   Single Pole OptoMOS Relays
PLA140L CLARE-PLA140L Datasheet
138Kb / 6P
   Single Pole OptoMOS Relays
PLA191 CLARE-PLA191 Datasheet
472Kb / 6P
   Single Pole OptoMOS Relays
logo
Coto Technology
2332-05-000 COTO-2332-05-000 Datasheet
280Kb / 2P
   Multi-Pole Reed Relays
logo
Clare, Inc.
LAA710 CLARE-LAA710 Datasheet
181Kb / 6P
   Dual Pole OptoMOS Relays
PAA132 CLARE-PAA132 Datasheet
281Kb / 6P
   Dual Pole OptoMOS Relays
LCA210L CLARE-LCA210L Datasheet
230Kb / 6P
   Dual Pole OptoMOS Relays
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com