Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM312LV Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza SM312LV
Descripción Electrónicos  MINI-BEAM dc-Voltage Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

SM312LV Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SM312LV Datasheet HTML 1Page - List of Unclassifed Manufacturers SM312LV Datasheet HTML 2Page - List of Unclassifed Manufacturers SM312LV Datasheet HTML 3Page - List of Unclassifed Manufacturers SM312LV Datasheet HTML 4Page - List of Unclassifed Manufacturers SM312LV Datasheet HTML 5Page - List of Unclassifed Manufacturers SM312LV Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Dimensions
Models with suffix E, EL, EPD, R, RL, RPD, LV, LVAG, LP, D, C, C2, CV, CV2,
CVG, CV2G, CVB, and CV2B
Models with suffix DBZ and W
3.2 mm (0.13”)
12.2 mm (0.48”)
3 mm dia Clearance (2)
M18 × 1 × 15 mm Thread
(Mounting nut supplied)
27.4 mm (1.08”)
53.3 mm (2.10”)
19.1 mm (0.75”)
Mounting peg
(6.3 mm dia × 2.5 mm)
2 m (6.5’) Cable
30.7 mm
(1.21”)
24.1 mm
(0.95”)
3 mm dia Clearance (2)
Bezel
18.0 mm (0.71”)
13.2 mm (0.52”)
39.1 mm
(1.54”)
Models with suffix F, FV, FVB, and FVG
Models with suffix FP, FPB, FPG, and FPH
M18 x 1 x 19 mm Thread
(Mounting Nut Supplied)
57.5 mm (2.27")
31.2 mm (1.23")
Fiber Optic Fitting
3.2 mm (0.13”)
12.2 mm (0.48”)
3 mm dia clearance (2)
Fiber
Optic
Fitting
22.3 mm
(0.88”)
16.2 mm
(0.64”)
42.1 mm
(1.66”)
19.1 mm
(0.75”)
Mounting Peg
(6.3 mm dia × 2.5 mm)
2 m (6.5’) Cable
30.7 mm
(1.21”)
24.1 mm
(0.95”)
QD Models
Sensor Features
20.0 mm
(0.79”)
12 mm Thread
Quick-disconnect
Gain (Sensitivity) Adjustment Screw
Alignment Indicator Device (AID)*
Light/Dark Operate Select Switch
Clockwise: Light Operate
(outputs conduct when sensing
light is received).
Counterclockwise: Dark Operate
(outputs conduct when sensing
light is not received).
*U.S. Patent no. 4356393
MINI-BEAM dc-Voltage Series
2
www.bannerengineering.com - tel: 763-544-3164
P/N 69943 rev. C


Número de pieza similar - SM312LV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SM312LV ETC2-SM312LV Datasheet
607Kb / 6P
   MINI-BEAM dc-Voltage Series
SM312LV ETC2-SM312LV Datasheet
607Kb / 6P
   MINI-BEAM dc-Voltage Series
SM312LV ETC2-SM312LV Datasheet
3Mb / 3P
   Self-contained photoelectric sensors
logo
Banner Engineering Corp...
SM312LV BANNER-SM312LV Datasheet
582Kb / 10P
   DC Voltage Series
logo
List of Unclassifed Man...
SM312LVAG ETC2-SM312LVAG Datasheet
607Kb / 6P
   MINI-BEAM dc-Voltage Series
More results

Descripción similar - SM312LV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SM312CV ETC2-SM312CV Datasheet
607Kb / 6P
   MINI-BEAM dc-Voltage Series
SM312WQD ETC2-SM312WQD Datasheet
607Kb / 6P
   MINI-BEAM dc-Voltage Series
SM312CV-V01 ETC-SM312CV-V01 Datasheet
1Mb / 14P
   MINI-BEAM® DC Voltage Series Sensor
logo
Banner Engineering Corp...
SME312 BANNER-SME312 Datasheet
1Mb / 13P
   MINI-BEAM SME312 Expert Series
logo
Ledil, Inc.
C13253 LEDIL-C13253_18 Datasheet
5Mb / 11P
   Mini reflector with ~60째 wide beam
CA13636 LEDIL-CA13636 Datasheet
3Mb / 7P
   Mini reflector with ~72째 wide beam.
logo
Premier Magnetics, Inc.
S3AS050520 PMI-S3AS050520 Datasheet
67Kb / 7P
   MINI DC/DC CONVERTERS
logo
List of Unclassifed Man...
DL40 ETC2-DL40 Datasheet
89Kb / 2P
   MINI THROUGH BEAM SENSOR with separate amplifier
logo
OSRAM GmbH
SFH-4451 OSRAM-SFH-4451 Datasheet
728Kb / 13P
   Narrow beam LED in Mini MIDLED package
logo
List of Unclassifed Man...
DL50 ETC2-DL50 Datasheet
92Kb / 2P
   MINI THROUGH BEAM SENSOR with separate amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com