Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT5133ZI-50-GT3 Datasheet(PDF) 7 Page - ON Semiconductor

No. de pieza CAT5133ZI-50-GT3
Descripción Electrónicos  16 Volt Digital Potentiometer (POT) with 128 Taps and an Increment Decrement Interface
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5133ZI-50-GT3 Datasheet(HTML) 7 Page - ON Semiconductor

  CAT5133ZI-50-GT3 Datasheet HTML 1Page - ON Semiconductor CAT5133ZI-50-GT3 Datasheet HTML 2Page - ON Semiconductor CAT5133ZI-50-GT3 Datasheet HTML 3Page - ON Semiconductor CAT5133ZI-50-GT3 Datasheet HTML 4Page - ON Semiconductor CAT5133ZI-50-GT3 Datasheet HTML 5Page - ON Semiconductor CAT5133ZI-50-GT3 Datasheet HTML 6Page - ON Semiconductor CAT5133ZI-50-GT3 Datasheet HTML 7Page - ON Semiconductor CAT5133ZI-50-GT3 Datasheet HTML 8Page - ON Semiconductor CAT5133ZI-50-GT3 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CAT5133
http://onsemi.com
7
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 4. Resistance between RW and RL
Figure 5. ICC2 (NV Write) vs. Temperature
TAP POSITION
TEMPERATURE (C)
112
96
80
64
48
32
16
0
0
2
4
6
8
10
12
110
90
70
50
10
−10
−30
−50
0
50
100
150
200
250
350
400
Figure 6. Absolute Linearity Error per Tap
Position
Figure 7. Relative Linearity Error
TAP POSITION
TAP POSITION
112
96
80
64
48
32
16
0
−1.0
−0.8
−0.4
−0.2
0
0.4
0.8
1.0
112
96
80
64
48
32
16
0
−0.5
−0.4
−0.3
−0.1
0
0.2
0.3
0.5
128
30
130
300
VCC = 2.7 V
VCC = 5.5 V
128
−0.6
0.2
0.6
TAMB = 25C
Rtotal = 10 K
128
−0.2
0.1
0.4
VCC = 2.7 V; V+ = 8 V
VCC = 5.5 V; V+ = 16 V
TAMB = 25C
Rtotal = 10 K
VCC = 2.7 V; V+ = 8 V
VCC = 5.5 V; V+ = 16 V
VCC = 2.7 V; V+ = 8 V
VCC = 5.5 V; V+ = 16 V


Número de pieza similar - CAT5133ZI-50-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT5133ZI-50-GT3 CATALYST-CAT5133ZI-50-GT3 Datasheet
285Kb / 10P
   16 Volt Digitally Programmable Potentiometer (DPP TM) with 128 Taps and an Increment Decrement Interface
CAT5133ZI-50-GT3 CATALYST-CAT5133ZI-50-GT3 Datasheet
283Kb / 10P
   16 Volt Digitally Programmable Potentiometer (DPPTM) with 128 Taps and an Increment Decrement Interface
logo
ON Semiconductor
CAT5133ZI-50-GT3 ONSEMI-CAT5133ZI-50-GT3 Datasheet
209Kb / 10P
   16 Volt Digitally Programmable Potentiometer with 128 Taps and an Increment Decrement Interface
Doc. No. MD-2125 Rev. D
More results

Descripción similar - CAT5133ZI-50-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT5133ZI-10-GT3 ONSEMI-CAT5133ZI-10-GT3 Datasheet
209Kb / 10P
   16 Volt Digitally Programmable Potentiometer with 128 Taps and an Increment Decrement Interface
Doc. No. MD-2125 Rev. D
logo
Catalyst Semiconductor
CAT5133 CATALYST-CAT5133_08 Datasheet
283Kb / 10P
   16 Volt Digitally Programmable Potentiometer (DPPTM) with 128 Taps and an Increment Decrement Interface
CAT5133 CATALYST-CAT5133 Datasheet
285Kb / 10P
   16 Volt Digitally Programmable Potentiometer (DPP TM) with 128 Taps and an Increment Decrement Interface
logo
ON Semiconductor
CAT5132ZI-10 ONSEMI-CAT5132ZI-10 Datasheet
165Kb / 12P
   16 Volt Digital Potentiometer (POT) with 128 Taps and I2C Interface
July, 2013 ??Rev. 7
logo
Analog Devices
AD5220BNZ100 AD-AD5220BNZ100 Datasheet
679Kb / 11P
   Increment/Decrement Digital Potentiometer
REV. A
AD5220BNZ10 AD-AD5220BNZ10 Datasheet
679Kb / 11P
   Increment/Decrement Digital Potentiometer
REV. A
AD5220 AD-AD5220 Datasheet
265Kb / 10P
   Increment/Decrement Digital Potentiometer
AD5222 AD-AD5222 Datasheet
173Kb / 10P
   Increment/Decrement Dual Digital Potentiometer
REV. 0
logo
ON Semiconductor
CAT5132ZI-10-GT3 ONSEMI-CAT5132ZI-10-GT3 Datasheet
131Kb / 14P
   16 Volt Digitally Programmable Potentiometer with 128 Taps and I2C Interface
Doc. No. MD-2124, Rev. F
logo
Catalyst Semiconductor
CAT5132 CATALYST-CAT5132_08 Datasheet
205Kb / 14P
   16 Volt Digitally Programmable Potentiometer (DPP?? with 128 Taps and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com