Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT5138 Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza CAT5138
Descripción Electrónicos  Digital Potentiometers (POTs) with 128 Taps and I2C Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5138 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT5138 Datasheet HTML 1Page - ON Semiconductor CAT5138 Datasheet HTML 2Page - ON Semiconductor CAT5138 Datasheet HTML 3Page - ON Semiconductor CAT5138 Datasheet HTML 4Page - ON Semiconductor CAT5138 Datasheet HTML 5Page - ON Semiconductor CAT5138 Datasheet HTML 6Page - ON Semiconductor CAT5138 Datasheet HTML 7Page - ON Semiconductor CAT5138 Datasheet HTML 8Page - ON Semiconductor CAT5138 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CAT5136, CAT5137, CAT5138
http://onsemi.com
5
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 2. Resistance between RW and RL
Figure 3. Power Supply Current
TAP POSITION
VCC (V)
112
96
80
64
48
32
16
0
0
10
20
30
40
50
60
6
5
4
3
2
0
10
20
40
50
60
80
90
Figure 4. Integral Non−Linearity
Figure 5. Differential Non−Linearity
TAP POSITION
TAP POSITION
112
96
80
64
48
32
16
0
−1.0
−0.8
−0.6
−0.2
0
0.4
0.8
1.0
112
96
80
64
48
32
16
0
−1.0
−0.8
−0.4
−0.2
0
0.2
0.6
1.0
128
128
−0.4
0.2
0.6
128
−0.6
0.4
0.8
30
70
VCC = 2.7 V
VCC = 5.5 V
Rheostat Configuration
TA = +25C, RPOT = 50 kW
VCC = 2.7 V
VCC = 5.5 V
Potentiometer Configuration
TA = +25C, RPOT = 10 kW
VCC = 2.7 V
VCC = 5.5 V
Potentiometer Configuration
−40C
25C
90C
125C
SCL
SDA IN
SDA OUT
Figure 6. Bus Timing
tSU:STA
tHD:STA
tHD:DAT
tAA
tF
tLOW
tHIGH
tLOW
tR
tSU:DAT
tDH
tSU:STO
tBUF


Número de pieza similar - CAT5138

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT513 CATALYST-CAT513 Datasheet
71Kb / 10P
   8-Bit Dual Digital POT
CAT5132 CATALYST-CAT5132 Datasheet
245Kb / 13P
   15 Volt Digitally Programmable Potentiometer (DPP) with 128 Taps and 2-wire Interface
CAT5132 CATALYST-CAT5132 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT5132 CATALYST-CAT5132 Datasheet
540Kb / 14P
   16 Volt Digitally Programmable Potentiometer
CAT5132 CATALYST-CAT5132 Datasheet
205Kb / 14P
   16 Volt Digitally Programmable Potentiometer (DPP?? with 128 Taps and I2C Interface
More results

Descripción similar - CAT5138

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT5132ZI-10 ONSEMI-CAT5132ZI-10 Datasheet
165Kb / 12P
   16 Volt Digital Potentiometer (POT) with 128 Taps and I2C Interface
July, 2013 ??Rev. 7
logo
Texas Instruments
TPL0401A TI1-TPL0401A_17 Datasheet
1Mb / 33P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer With I2C Interface
TPL0401A TI1-TPL0401A Datasheet
328Kb / 18P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_12 Datasheet
671Kb / 21P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A-10-Q1 TI1-TPL0401A-10-Q1 Datasheet
476Kb / 31P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer with I2C Interface
TPL0401A-10 TI-TPL0401A-10_15 Datasheet
839Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_16 Datasheet
882Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
logo
ON Semiconductor
CAT5132ZI-10-GT3 ONSEMI-CAT5132ZI-10-GT3 Datasheet
131Kb / 14P
   16 Volt Digitally Programmable Potentiometer with 128 Taps and I2C Interface
Doc. No. MD-2124, Rev. F
CAT5273 ONSEMI-CAT5273 Datasheet
225Kb / 14P
   Dual 256?릔osition I2C Compatible Digital Potentiometers (POTs)
July, 2013 ??Rev. 3
logo
Catalyst Semiconductor
CAT5132 CATALYST-CAT5132_08 Datasheet
205Kb / 14P
   16 Volt Digitally Programmable Potentiometer (DPP?? with 128 Taps and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com