Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


2SC3127 Datasheet(Hoja de datos) 2 Page - Hitachi Semiconductor

No. de Pieza. 2SC3127
Descripción  Silicon NPN Epitaxial
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo 

 
 2 page
background image
2SC3127, 2SC3128, 2SC3510
2
1. Base
2. Emitter
3. Collector
TO-92 (2)
2SC3128, 2SC3510
3
2
1
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
2SC3127*
1
2SC3128
2SC3510
Unit
Collector to base voltage
V
CBO
20
20
20
V
Collector to emitter voltage
V
CEO
12
12
12
V
Emitter to base voltage
V
EBO
33
3V
Collector current
I
C
50
50
50
mA
Collector power dissipation
P
C
150
350
600
mW
Junction temperature
Tj
150
150
150
°C
Storage temperature
Tstg
–55 to +150
–55 to +150
–55 to +150
°C
Note:
1. Marking for 2SC3127 is “ID–”.




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
TPS613SILICON NPN EPITAXIAL PLANAR FOR PHOTO SENSOR 1 2 3 4 Toshiba Semiconductor
2SC6015NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications 1 2 3 4 Sanyo Semicon Device
2SC1927NPN SILICON EPITAXIAL DUAL TRANSISTOR FOR DIFFERENTIAL AMPLIFIER AND ULTRA HIGH SPEED SWITCHING INDUSTRIAL USE 1 2 3 4 NEC
2SC3583MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 1 2 3 4 5 MoreNEC
2SC4092HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD 1 2 3 4 5 MoreNEC
2SC4186UHF OSCILLATOR AND UHF MIXER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD 1 2 3 4 5 MoreNEC
2SC4957HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD 1 2 3 4 5 MoreNEC
PT67-21Bhigh speed silicon NPN epitaxial planar phototransistor in a compact surface-mountable package. 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
2SC5178NPN EPITAXIAL SILICON TRANSISTOR IN 4-PIN MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION 1 2 3 4 5 MoreNEC
XP01211Silicon NPN epitaxial planar type 1 2 3 Panasonic Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl