Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

2SC3128 Datasheet(PDF) 7 Page - Hitachi Semiconductor

No. de Pieza. 2SC3128
Descripción  Silicon NPN Epitaxial
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo 

2SC3128 Datasheet(HTML) 7 Page - Hitachi Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2SC3127, 2SC3128, 2SC3510
7
Power Gain vs. Frequency
Frequency f (MHz)
0
2
4
6
8
10
1,000
750
500
250
VCC = 12 V, IC = 20 mA
Input Power Level
–50 dBm
Power Gain vs. Frequency
Frequency f (MHz)
0
2
4
6
8
10
1,000
750
500
250
VCC = 12 V
Input Power Level
–50 dBm
IC = 30 mA
IC = 20 mA
IC = 10 mA
IC = 5 mA


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn