Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


2SC3128 Datasheet(Hoja de datos) 4 Page - Hitachi Semiconductor

No. de Pieza. 2SC3128
Descripción  Silicon NPN Epitaxial
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo 

 
 4 page
background image
2SC3127, 2SC3128, 2SC3510
4
Gain Bandwidth Product vs.
Collector Current
0
1.0
2.0
3.0
4.0
5.0
Collector Current IC (mA)
12
5
10
20
50
VCE = 5 V
f = 500 MHz
Collector Output Capacitance vs.
Collector to Base Voltage
Collector to Base Voltage VCB (V)
0
0.4
0.8
1.2
1.6
2.0
12
5
10
20
50
f = 1 MHz
IE = 0
Collector to Base Voltage VCB (V)
0
0.4
0.8
1.2
1.6
2.0
12
5
10
20
50
Reverse Transfer Capacitance vs.
Collector to Base Voltage
f = 1 MHz
Emitter Common
Power Gain and Noise Figure vs.
Collector Current
Collector Current IC (mA)
0
4
8
12
16
20
0
1020304050
VCE = 5 V
f = 500 MHz
PG
NF




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
TPS613SILICON NPN EPITAXIAL PLANAR FOR PHOTO SENSOR 1 2 3 4 Toshiba Semiconductor
2SC6015NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications 1 2 3 4 Sanyo Semicon Device
2SC1927NPN SILICON EPITAXIAL DUAL TRANSISTOR FOR DIFFERENTIAL AMPLIFIER AND ULTRA HIGH SPEED SWITCHING INDUSTRIAL USE 1 2 3 4 NEC
2SC3583MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 1 2 3 4 5 MoreNEC
2SC4092HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD 1 2 3 4 5 MoreNEC
2SC4186UHF OSCILLATOR AND UHF MIXER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD 1 2 3 4 5 MoreNEC
2SC4957HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD 1 2 3 4 5 MoreNEC
PT67-21Bhigh speed silicon NPN epitaxial planar phototransistor in a compact surface-mountable package. 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
2SC5178NPN EPITAXIAL SILICON TRANSISTOR IN 4-PIN MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION 1 2 3 4 5 MoreNEC
XP01211Silicon NPN epitaxial planar type 1 2 3 Panasonic Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl