Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SZNUF8152 Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza SZNUF8152
Descripción Electrónicos  8-Channel EMI Filter with Integrated ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SZNUF8152 Datasheet(HTML) 1 Page - ON Semiconductor

  SZNUF8152 Datasheet HTML 1Page - ON Semiconductor SZNUF8152 Datasheet HTML 2Page - ON Semiconductor SZNUF8152 Datasheet HTML 3Page - ON Semiconductor SZNUF8152 Datasheet HTML 4Page - ON Semiconductor SZNUF8152 Datasheet HTML 5Page - ON Semiconductor SZNUF8152 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2011
November, 2011 − Rev. 0
1
Publication Order Number:
NUF8152/D
NUF8152, SZNUF8152
8-Channel EMI Filter with
Integrated ESD Protection
The NUF8152MU is a eight−channel (C−L−R−C) Pi−style EMI
filter array with integrated ESD protection. Its typical component
values of R = 28
W, C = 17 pF and L = 1.0 nH deliver a cutoff
frequency of 125 MHz and stop band attenuation greater than −25 dB
from 800 MHz to 3.0 GHz.
This performance makes the part ideal for parallel interfaces with
data rates up to 83 Mbps in applications where wireless interference
must be minimized. The specified attenuation range is very effective
in minimizing interference from 2G/3G, GPS, Bluetooth
® and
WLAN signals.
The NUF8152MU is available in the low−profile 16−lead 1.2 mm x
3.5 mm x 0.5 mm UDFN16 surface mount package.
Features/Benefits
±13 kV ESD Protection on each channel (IEC61000−4−2 Level 4,
Contact Discharge)
R/C Values of 28 W and 17 pF and L = 1.0 nH Deliver Exceptional
S21 Performance Characteristics of 125 MHz f3dB and −25 dB Stop
Band Attenuation from 800 MHz to 3.0 GHz
Integrated EMI/ESD System Solution in UDFN Package Offers
Exceptional Cost, System Reliability and Space Savings
AEC−Q101 Qualified and PPAP Capable − SZNUF8152
SZ Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements
These are Pb−Free Devices
Applications
EMI Filtering for LCD and Camera Data Lines
EMI Filtering and Protection for I/O Ports and Keypads
Figure 1. Electrical Schematic
See Table 1 for pin description
Cd = 17 pF Cd = 17 pF
R = 28 W
Filter + ESDn
Filter + ESDn
FREQUENCY (Hz)
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
1.0E + 6
10.0E + 6
100.0E + 6
1.0E + 9
10.0E + 9
Figure 2. Typical Insertion Loss Characteristics
(S21 Measurement)
L = 1 nH
Device
Package
Shipping
ORDERING INFORMATION
NUF8152MUT2G
UDFN16
(Pb−Free)
3000 / Tape &
Reel
MARKING
DIAGRAM
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com
UDFN16
CASE 517AF
1
16
1
815 M
G
815 = Specific Device Code
M
= Month Code
G
= Pb−Free Package
SZNUF8152MUT2G
UDFN16
(Pb−Free)
3000 / Tape &
Reel


Número de pieza similar - SZNUF8152

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
SZNUD3105DMT1G ONSEMI-SZNUD3105DMT1G Datasheet
96Kb / 10P
   Integrated Relay, Inductive Load Driver
July, 2014 ??Rev. 11
SZNUD3105DMT1G ONSEMI-SZNUD3105DMT1G Datasheet
171Kb / 10P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 12
SZNUD3112DMT1G ONSEMI-SZNUD3112DMT1G Datasheet
147Kb / 7P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 11
SZNUD3112LT1G ONSEMI-SZNUD3112LT1G Datasheet
147Kb / 7P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 11
SZNUD3124 ONSEMI-SZNUD3124 Datasheet
150Kb / 10P
   Automotive Inductive Load Driver
February, 2012 ??Rev. 12
More results

Descripción similar - SZNUF8152

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NUF8010MU ONSEMI-NUF8010MU_09 Datasheet
173Kb / 6P
   8-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 1
NUF8410MN ONSEMI-NUF8410MN_09 Datasheet
167Kb / 6P
   8-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 1
NUF8600MN ONSEMI-NUF8600MN Datasheet
148Kb / 6P
   8-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 1
NUF8610MN ONSEMI-NUF8610MN Datasheet
148Kb / 6P
   8-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 1
NUF8401MN ONSEMI-NUF8401MN_09 Datasheet
170Kb / 6P
   8-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 5
NUF8152MU ONSEMI-NUF8152MU Datasheet
185Kb / 6P
   8-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 1
logo
Socay Electornics Co., ...
EM2378K SOCAY-EM2378K Datasheet
418Kb / 3P
   8-Channel EMI Filter with Integrated ESD Protection
logo
ON Semiconductor
NUF8001MU ONSEMI-NUF8001MU_09 Datasheet
144Kb / 6P
   8-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 3
logo
Alpha & Omega Semicondu...
AOZ8010 AOSMD-AOZ8010 Datasheet
299Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
AOZ8170 AOSMD-AOZ8170 Datasheet
350Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com