Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC2308 Datasheet(PDF) 2 Page - Hitachi Semiconductor

No. de pieza 2SC2308
Descripción Electrónicos  Silicon NPN Epitaxial
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC2308 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SC2308 Datasheet HTML 1Page - Hitachi Semiconductor 2SC2308 Datasheet HTML 2Page - Hitachi Semiconductor 2SC2308 Datasheet HTML 3Page - Hitachi Semiconductor 2SC2308 Datasheet HTML 4Page - Hitachi Semiconductor 2SC2308 Datasheet HTML 5Page - Hitachi Semiconductor 2SC2308 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SC458, 2SC2308
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
2SC458
2SC2308
Unit
Collector to base voltage
V
CBO
30
55
V
Collector to emitter voltage
V
CEO
30
50
V
Emitter to base voltage
V
EBO
55V
Collector current
I
C
100
100
mA
Emitter current
I
E
–100
–100
mA
Collector power dissipation
P
C
200
200
mW
Junction temperature
Tj
150
150
°C
Storage temperature
Tstg
–55 to +150
–55 to +150
°C


Número de pieza similar - 2SC2308

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Metals, Ltd
2SC2308 HITACHI-METALS-2SC2308 Datasheet
27Kb / 6P
   Silicon NPN Epitaxial
logo
Renesas Technology Corp
2SC2308 RENESAS-2SC2308 Datasheet
182Kb / 7P
   Silicon NPN Epitaxial
logo
Foshan Blue Rocket Elec...
2SC2308 FOSHAN-2SC2308 Datasheet
929Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
2SC2308 FOSHAN-2SC2308 Datasheet
749Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
logo
Renesas Technology Corp
2SC2308CTZ RENESAS-2SC2308CTZ Datasheet
182Kb / 7P
   Silicon NPN Epitaxial
More results

Descripción similar - 2SC2308

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com