Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC458K Datasheet(PDF) 6 Page - Hitachi Semiconductor

No. de pieza 2SC458K
Descripción Electrónicos  Silicon NPN Epitaxial
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC458K Datasheet(HTML) 6 Page - Hitachi Semiconductor

  2SC458K Datasheet HTML 1Page - Hitachi Semiconductor 2SC458K Datasheet HTML 2Page - Hitachi Semiconductor 2SC458K Datasheet HTML 3Page - Hitachi Semiconductor 2SC458K Datasheet HTML 4Page - Hitachi Semiconductor 2SC458K Datasheet HTML 5Page - Hitachi Semiconductor 2SC458K Datasheet HTML 6Page - Hitachi Semiconductor 2SC458K Datasheet HTML 7Page - Hitachi Semiconductor 2SC458K Datasheet HTML 8Page - Hitachi Semiconductor 2SC458K Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2SC458 (K)
6
Gain Bandwidth Product vs.
Collector Current
Collector Current IC (mA)
VCE = 10 V
500
400
300
200
100
0
0.5
2
10
1.0
5
20
Input and Output Capacitance vs.
Voltage
Collector to Base Voltage VCB (V)
Emitter to Base Voltage VEB (V)
8
7
6
5
4
3
2
0.3
1.0
10
330
f = 1 MHz
C
ob (I
E
= 0)
Switching Time vs. Collector Current
Collector Current IC (mA)
VCC = 10.3 V
IC = 10 IB1 = –10 IB2
1.0
0.5
0.2
0.1
0.05
0.02
0.01
1
5
20
100
210
50
toff
tstg
ton
td
h Parameter vs. Collector Current
Collector Current (mA)
VCE = 6 V
f = 270 Hz
100
50
20
10
5
2
1.0
0.5
0.2
0.1
0.05
0.02
0.01
0.01
0.5
0.2
5
2
1.0
10
0.1
0.05
0.02
hie
hie
hfe
hre
hie
hoe
hre
hfe


Número de pieza similar - 2SC458K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SC458 HITACHI-2SC458 Datasheet
27Kb / 6P
   Silicon NPN Epitaxial
2SC458 HITACHI-2SC458 Datasheet
41Kb / 9P
   Silicon NPN Epitaxial
logo
Hitachi Metals, Ltd
2SC458 HITACHI-METALS-2SC458 Datasheet
27Kb / 6P
   Silicon NPN Epitaxial
logo
Renesas Technology Corp
2SC458 RENESAS-2SC458 Datasheet
182Kb / 7P
   Silicon NPN Epitaxial
logo
New Jersey Semi-Conduct...
2SC458 NJSEMI-2SC458 Datasheet
98Kb / 1P
   SILICON NPN
More results

Descripción similar - 2SC458K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com