Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC-4516CA726EF-A80 Datasheet(PDF) 8 Page - NEC

No. de pieza MC-4516CA726EF-A80
Descripción Electrónicos  16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

MC-4516CA726EF-A80 Datasheet(HTML) 8 Page - NEC

Back Button MC-4516CA726EF-A80 Datasheet HTML 4Page - NEC MC-4516CA726EF-A80 Datasheet HTML 5Page - NEC MC-4516CA726EF-A80 Datasheet HTML 6Page - NEC MC-4516CA726EF-A80 Datasheet HTML 7Page - NEC MC-4516CA726EF-A80 Datasheet HTML 8Page - NEC MC-4516CA726EF-A80 Datasheet HTML 9Page - NEC MC-4516CA726EF-A80 Datasheet HTML 10Page - NEC MC-4516CA726EF-A80 Datasheet HTML 11Page - NEC MC-4516CA726EF-A80 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Data Sheet M14333EJ2V0DS00
8
MC-4516CA726
Synchronous Characteristics
Parameter
Symbol
-A 80
-A 10
Unit
Note
MIN.
MAX.
MIN.
MAX.
Clock cycle time
/CAS latency = 3
tCK3
8
(125 MHz)
10
(100 MHz)
ns
/CAS latency = 2
tCK2
10
(100 MHz)
13
(77 MHz)
ns
Access time from CLK
/CAS latency = 3
tAC3
66
ns
1
/CAS latency = 2
tAC2
67
ns
1
CLK high level width
tCH
33
ns
CLK low level width
tCL
33
ns
Data-out hold time
tOH
33
ns
1
Data-out low-impedance time
tLZ
00
ns
Data-out high-impedance time
/CAS latency = 3
tHZ3
36
36
ns
/CAS latency = 2
tHZ2
36
37
ns
Data-in setup time
tDS
22
ns
Data-in hold time
tDH
11
ns
Address setup time
tAS
22
ns
Address hold time
tAH
11
ns
CKE setup time
tCKS
22
ns
CKE hold time
tCKH
11
ns
CKE setup time (Power down exit)
tCKSP
22
ns
Command (/CS0, /CS2, /RAS, /CAS, /WE,
DQMB0 - DQMB7) setup time
tCMS
22
ns
Command (/CS0, /CS2, /RAS, /CAS, /WE,
DQMB0 - DQMB7) hold time
tCMH
11
ns
Note 1. Output load
Output
Z = 50
50 pF
Remark These specifications are applied to the monolithic device.


Número de pieza similar - MC-4516CA726EF-A80

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Elpida Memory
MC-4516CA726EF-A80 ELPIDA-MC-4516CA726EF-A80 Datasheet
163Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

Descripción similar - MC-4516CA726EF-A80

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Elpida Memory
MC-4516CA726 ELPIDA-MC-4516CA726 Datasheet
163Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CA727 NEC-MC-4516CA727 Datasheet
213Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CA727XFA ELPIDA-MC-4516CA727XFA Datasheet
168Kb / 14P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CA727 ELPIDA-MC-4516CA727 Datasheet
167Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB647XFA ELPIDA-MC-4516CB647XFA Datasheet
168Kb / 14P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CB646 NEC-MC-4516CB646 Datasheet
146Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CB646 ELPIDA-MC-4516CB646 Datasheet
161Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CB647 NEC-MC-4516CB647 Datasheet
210Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CB647 ELPIDA-MC-4516CB647 Datasheet
165Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516DA727 NEC-MC-4516DA727 Datasheet
154Kb / 6P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com