Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BC846BPDW1 Datasheet(PDF) 3 Page - ON Semiconductor |
|
BC846BPDW1 Datasheet(HTML) 3 Page - ON Semiconductor |
3 / 17 page BC846BPDW1, BC847BPDW1, BC848CPDW1 Series http://onsemi.com 3 ELECTRICAL CHARACTERISTICS (PNP) (TA = 25°C unless otherwise noted) Characteristic Symbol Min Typ Max Unit OFF CHARACTERISTICS Collector−Emitter Breakdown Voltage (IC = −10 mA) BC846, SBC846 Series BC847, SBC847 Series BC848 Series V(BR)CEO −65 −45 −30 − − − − − − V Collector−Emitter Breakdown Voltage (IC = −10 mA, VEB = 0) BC846, SBC846 Series BC847, SBC847 Series BC848 Series V(BR)CES −80 −50 −30 − − − − − − V Collector−Base Breakdown Voltage (IC = −10 mA) BC846, SBC846 Series BC847, SBC847 Series BC848 Series V(BR)CBO −80 −50 −30 − − − − − − V Emitter−Base Breakdown Voltage (IE = −1.0 mA) BC846, SBC846 Series BC847, SBC847 Series BC848 Series V(BR)EBO −5.0 −5.0 −5.0 − − − − − − V Collector Cutoff Current (VCB = −30 V) (VCB = −30 V, TA = 150°C) ICBO − − − − −15 −4.0 nA mA ON CHARACTERISTICS DC Current Gain (IC = −10 mA, VCE = −5.0 V) BC846B, SBC846B, BC847B, SBC847B BC848C (IC = −2.0 mA, VCE = −5.0 V) BC846B, SBC846B, BC847B, SBC847B BC848C hFE − − 200 420 150 270 290 520 − − 475 800 − Collector−Emitter Saturation Voltage (IC = −10 mA, IB = −0.5 mA) (IC = −100 mA, IB = −5.0 mA) VCE(sat) − − − − −0.3 −0.65 V Base −Emitter Saturation Voltage (IC = −10 mA, IB = −0.5 mA) (IC = −100 mA, IB = −5.0 mA) VBE(sat) − − −0.7 −0.9 − − V Base −Emitter On Voltage (IC = −2.0 mA, VCE = −5.0 V) (IC = −10 mA, VCE = −5.0 V) VBE(on) −0.6 − − − −0.75 −0.82 V SMALL− SIGNAL CHARACTERISTICS Current−Gain − Bandwidth Product (IC = −10 mA, VCE = −5.0 Vdc, f = 100 MHz) fT 100 − − MHz Output Capacitance (VCB = −10 V, f = 1.0 MHz) Cob − − 4.5 pF Noise Figure (IC = −0.2 mA, VCE = −5.0 Vdc, RS = 2.0 kW, f = 1.0 kHz, BW = 200 Hz) NF − − 10 dB |
Número de pieza similar - BC846BPDW1 |
|
Descripción similar - BC846BPDW1 |