Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SJ160 Datasheet(PDF) 2 Page - Hitachi Semiconductor

No. de pieza 2SJ160
Descripción Electrónicos  Silicon P-Channel MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ160 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SJ160 Datasheet HTML 1Page - Hitachi Semiconductor 2SJ160 Datasheet HTML 2Page - Hitachi Semiconductor 2SJ160 Datasheet HTML 3Page - Hitachi Semiconductor 2SJ160 Datasheet HTML 4Page - Hitachi Semiconductor 2SJ160 Datasheet HTML 5Page - Hitachi Semiconductor 2SJ160 Datasheet HTML 6Page - Hitachi Semiconductor 2SJ160 Datasheet HTML 7Page - Hitachi Semiconductor 2SJ160 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SJ160, 2SJ161, 2SJ162
2
Outline
D
G
S
1
2
3
TO-3P
1. Gate
2. Source
(Flange)
3. Drain
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
2SJ160
V
DSX
–120
V
2SJ161
–140
2SJ162
–160
Gate to source voltage
V
GSS
±15
V
Drain current
I
D
–7
A
Body to drain diode reverse drain current
I
DR
–7
A
Channel dissipation
Pch*
1
100
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
1. Value at T
C = 25°C


Número de pieza similar - 2SJ160

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
2SJ160 RENESAS-2SJ160 Datasheet
71Kb / 6P
   Silicon P Channel MOS FET
2SJ160-E RENESAS-2SJ160-E Datasheet
71Kb / 6P
   Silicon P Channel MOS FET
2SJ160 RENESAS-2SJ160_15 Datasheet
89Kb / 8P
   Silicon P Channel MOS FET
More results

Descripción similar - 2SJ160

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com