Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SJ484 Datasheet(PDF) 5 Page - Hitachi Semiconductor

No. de pieza 2SJ484
Descripción Electrónicos  Silicon P-Channel MOS FET High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ484 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  2SJ484 Datasheet HTML 1Page - Hitachi Semiconductor 2SJ484 Datasheet HTML 2Page - Hitachi Semiconductor 2SJ484 Datasheet HTML 3Page - Hitachi Semiconductor 2SJ484 Datasheet HTML 4Page - Hitachi Semiconductor 2SJ484 Datasheet HTML 5Page - Hitachi Semiconductor 2SJ484 Datasheet HTML 6Page - Hitachi Semiconductor 2SJ484 Datasheet HTML 7Page - Hitachi Semiconductor 2SJ484 Datasheet HTML 8Page - Hitachi Semiconductor 2SJ484 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2SJ484
5
–1.0
–0.8
–0.6
–0.4
–0.2
0
–4
–8
–12
–16
–20
2
1
0.1
0.5
–0.1 –0.2
–0.5
–1
–2
–5
–10
0.5
0.4
0.3
0.2
0.1
–40
0
40
80
120
160
0
0.1
0.05
5
2
1
0.5
0.2
–0.01–0.02
–0.2
–0.5 –1
–2
–5
I
= –2 A
D
–1 A
–0.5 A
–20
0.2
V
= –4 V
GS
–10 V
–0.5, –1.0 A
V
= –10 V
GS
–0.1
–0.05
25
°C
Tc = –25
°C
75
°C
Gate to Source Voltage
V
(V)
GS
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Drain Current
I
(A)
D
Static Drain to Source on State Resistance
vs. Drain Current
Case Temperature
Tc
(
°C)
Static Drain to Source on State Resistance
vs. Temperature
Drain Current I
(A)
D
Forward Transfer Admittance vs.
Drain Current
Pulse Test
Pulse Test
Pulse Test
V
= –10 V
Pulse Test
DS
I
= –2 A
D


Número de pieza similar - 2SJ484

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
2SJ484 RENESAS-2SJ484 Datasheet
79Kb / 7P
   Silicon P Channel MOS FET
2SJ484WYTL-E RENESAS-2SJ484WYTL-E Datasheet
79Kb / 7P
   Silicon P Channel MOS FET
2SJ484WYTR-E RENESAS-2SJ484WYTR-E Datasheet
79Kb / 7P
   Silicon P Channel MOS FET
2SJ484 RENESAS-2SJ484_15 Datasheet
98Kb / 9P
   Silicon P Channel MOS FET
More results

Descripción similar - 2SJ484

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SJ517 HITACHI-2SJ517 Datasheet
43Kb / 8P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ534 HITACHI-2SJ534 Datasheet
52Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ544 HITACHI-2SJ544 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ174 HITACHI-2SJ174 Datasheet
571Kb / 4P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ177 HITACHI-2SJ177 Datasheet
268Kb / 2P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ220L HITACHI-2SJ220L Datasheet
171Kb / 1P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ505 HITACHI-2SJ505 Datasheet
54Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ506 HITACHI-2SJ506 Datasheet
50Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ526 HITACHI-2SJ526 Datasheet
51Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ527 HITACHI-2SJ527 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com