Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SJ504 Datasheet(PDF) 4 Page - Hitachi Semiconductor

No. de pieza 2SJ504
Descripción Electrónicos  Silicon P Channel MOS FET High Speed Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ504 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SJ504 Datasheet HTML 1Page - Hitachi Semiconductor 2SJ504 Datasheet HTML 2Page - Hitachi Semiconductor 2SJ504 Datasheet HTML 3Page - Hitachi Semiconductor 2SJ504 Datasheet HTML 4Page - Hitachi Semiconductor 2SJ504 Datasheet HTML 5Page - Hitachi Semiconductor 2SJ504 Datasheet HTML 6Page - Hitachi Semiconductor 2SJ504 Datasheet HTML 7Page - Hitachi Semiconductor 2SJ504 Datasheet HTML 8Page - Hitachi Semiconductor 2SJ504 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2SJ504
4
Main Characteristics
40
30
20
10
0
50
100
150
200
–100
–30
–10
–3
–1
–0.3
–0.1
–0.1 –0.3
–1
–3
–10
–50
–40
–30
–20
–10
0
–2
–4
–6
–8
–10
–6 V
–4 V
0
–1–2–3
–4
–5
–30
–100
–1000
–300
–10 V
–4.5 V
–3 V
–50
–40
–30
–20
–10
10
µ
s
1 ms
Ta = 25
°C
–3.5 V
25
°C
DS
V
= –10 V
Pulse Test
100
µs
PW
=
10
ms
(1
shot)
DC
Operation
(Tc
=
25
°C)
–8 V
–5 V
Tc = –25
°C
Pulse Test
V
= –2.5 V
GS
Drain to Source Voltage
V
(V)
DS
Maximum Safe Operation Area
Typical Output Characteristics
Drain to Source Voltage
V
(V)
DS
Gate to Source Voltage
V
(V)
GS
Typical Transfer Characteristics
Case Temperature
Tc (
°C)
Power vs. Temperature Derating
75
°C
Operation in
this area is
limited by R DS(on)


Número de pieza similar - 2SJ504

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
2SJ504 RENESAS-2SJ504 Datasheet
89Kb / 8P
   Silicon P Channel MOS FET
2SJ504-E RENESAS-2SJ504-E Datasheet
89Kb / 8P
   Silicon P Channel MOS FET
2SJ504 RENESAS-2SJ504_15 Datasheet
108Kb / 10P
   Silicon P Channel MOS FET
More results

Descripción similar - 2SJ504

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SJ484 HITACHI-2SJ484 Datasheet
43Kb / 9P
   Silicon P-Channel MOS FET High Speed Power Switching
2SJ517 HITACHI-2SJ517 Datasheet
43Kb / 8P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ534 HITACHI-2SJ534 Datasheet
52Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ544 HITACHI-2SJ544 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ174 HITACHI-2SJ174 Datasheet
571Kb / 4P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ177 HITACHI-2SJ177 Datasheet
268Kb / 2P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ220L HITACHI-2SJ220L Datasheet
171Kb / 1P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ505 HITACHI-2SJ505 Datasheet
54Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ506 HITACHI-2SJ506 Datasheet
50Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ526 HITACHI-2SJ526 Datasheet
51Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ527 HITACHI-2SJ527 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com