Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SJ543 Datasheet(PDF) 2 Page - Hitachi Semiconductor

No. de pieza 2SJ543
Descripción Electrónicos  Silicon P Channel MOS FET High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ543 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SJ543 Datasheet HTML 1Page - Hitachi Semiconductor 2SJ543 Datasheet HTML 2Page - Hitachi Semiconductor 2SJ543 Datasheet HTML 3Page - Hitachi Semiconductor 2SJ543 Datasheet HTML 4Page - Hitachi Semiconductor 2SJ543 Datasheet HTML 5Page - Hitachi Semiconductor 2SJ543 Datasheet HTML 6Page - Hitachi Semiconductor 2SJ543 Datasheet HTML 7Page - Hitachi Semiconductor 2SJ543 Datasheet HTML 8Page - Hitachi Semiconductor 2SJ543 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2SJ543
2
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
V
DSS
–60
V
Gate to source voltage
V
GSS
±20
V
Drain current
I
D
–20
A
Drain peak current
I
D(pulse)
Note1
–80
A
Body-drain diode reverse drain current I
DR
–20
A
Avalanche current
I
AP
Note3
–20
A
Avalanche energy
E
AR
Note3
34
mJ
Channel dissipation
Pch
Note2
75
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
1. PW
≤ 10µs, duty cycle ≤ 1 %
2. Value at Tc = 25
°C
3. Value at Tch = 25
°C, Rg ≥ 50 Ω
Electrical Characteristics (Ta = 25
°C)
Item
Symbol Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage V
(BR)DSS
–60
V
I
D = –10mA, VGS = 0
Gate to source breakdown voltage V
(BR)GSS
±20
——V
I
G = ±100µA, VDS = 0
Zero gate voltege drain current
I
DSS
–10
µAV
DS = –60 V, VGS = 0
Gate to source leak current
I
GSS
——
±10
µAV
GS = ±16V, VDS = 0
Gate to source cutoff voltage
V
GS(off)
–1.0
–2.0
V
I
D = –1mA, VDS = –10V
Static drain to source on state
R
DS(on)
0.042
0.055
I
D = –10A, VGS = –10V
Note4
resistance
R
DS(on)
0.065
0.095
I
D = –10A, VGS = –4V
Note4
Forward transfer admittance
|y
fs|
1016—
S
I
D = –10A, VDS = –10V
Note4
Input capacitance
Ciss
1750
pF
V
DS = –10V
Output capacitance
Coss
800
pF
V
GS = 0
Reverse transfer capacitance
Crss
180
pF
f = 1MHz
Turn-on delay time
t
d(on)
16
ns
V
GS = –10V, I D = –10A
Rise time
t
r
100
ns
R
L = 3Ω
Turn-off delay time
t
d(off)
230
ns
Fall time
t
f
140
ns
Body–drain diode forward voltage V
DF
–1.0
V
I
F = –20A, VGS = 0
Body–drain diode reverse
recovery time
t
rr
100
ns
I
F = –20A, VGS = 0
diF/ dt =50A/
µs
Note:
4. Pulse test


Número de pieza similar - 2SJ543

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
2SJ543 RENESAS-2SJ543 Datasheet
88Kb / 8P
   Silicon P Channel MOS FET
2SJ543-E RENESAS-2SJ543-E Datasheet
88Kb / 8P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
More results

Descripción similar - 2SJ543

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SJ484 HITACHI-2SJ484 Datasheet
43Kb / 9P
   Silicon P-Channel MOS FET High Speed Power Switching
2SJ517 HITACHI-2SJ517 Datasheet
43Kb / 8P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ534 HITACHI-2SJ534 Datasheet
52Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ544 HITACHI-2SJ544 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ174 HITACHI-2SJ174 Datasheet
571Kb / 4P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ177 HITACHI-2SJ177 Datasheet
268Kb / 2P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ220L HITACHI-2SJ220L Datasheet
171Kb / 1P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ505 HITACHI-2SJ505 Datasheet
54Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ506 HITACHI-2SJ506 Datasheet
50Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ526 HITACHI-2SJ526 Datasheet
51Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ527 HITACHI-2SJ527 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com