Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SJ549L Datasheet(PDF) 6 Page - Hitachi Semiconductor

No. de pieza 2SJ549L
Descripción Electrónicos  Silicon P Channel MOS FET High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ549L Datasheet(HTML) 6 Page - Hitachi Semiconductor

  2SJ549L Datasheet HTML 1Page - Hitachi Semiconductor 2SJ549L Datasheet HTML 2Page - Hitachi Semiconductor 2SJ549L Datasheet HTML 3Page - Hitachi Semiconductor 2SJ549L Datasheet HTML 4Page - Hitachi Semiconductor 2SJ549L Datasheet HTML 5Page - Hitachi Semiconductor 2SJ549L Datasheet HTML 6Page - Hitachi Semiconductor 2SJ549L Datasheet HTML 7Page - Hitachi Semiconductor 2SJ549L Datasheet HTML 8Page - Hitachi Semiconductor 2SJ549L Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2SJ549(L),2SJ549(S)
6
–10
–8
–6
–4
–2
0
–0.4
–0.8
–1.2
–1.6
–2.0
D. U. T
Rg
I
Monitor
AP
V
Monitor
DS
VDD
50
Vin
–15 V
0
I D
VDS
I AP
V(BR)DSS
L
VDD
E
=
• L • I
2
1
V
V
– V
AR
AP
DSS
DSS
DD
2
V
= 0, 5 V
GS
–10 V
–5 V
20
16
12
8
4
25
50
75
100
125
150
0
Channel Temperature Tch (°C)
Maximum Avalanche Energy vs.
Channel Temperature Derating
Avalanche Test Circuit
Avalanche Waveform
Source to Drain Voltage
V
(V)
SD
Reverse Drain Current vs.
Source to Drain Voltage
Pulse Test
I
= –12 A
V
= –25 V
duty < 0.1 %
Rg > 50
AP
DD


Número de pieza similar - 2SJ549L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
2SJ549L RENESAS-2SJ549L Datasheet
97Kb / 9P
   Silicon P Channel MOS FET
2SJ549L-E RENESAS-2SJ549L-E Datasheet
97Kb / 9P
   Silicon P Channel MOS FET
More results

Descripción similar - 2SJ549L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SJ484 HITACHI-2SJ484 Datasheet
43Kb / 9P
   Silicon P-Channel MOS FET High Speed Power Switching
2SJ517 HITACHI-2SJ517 Datasheet
43Kb / 8P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ534 HITACHI-2SJ534 Datasheet
52Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ544 HITACHI-2SJ544 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ174 HITACHI-2SJ174 Datasheet
571Kb / 4P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ177 HITACHI-2SJ177 Datasheet
268Kb / 2P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ220L HITACHI-2SJ220L Datasheet
171Kb / 1P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ505 HITACHI-2SJ505 Datasheet
54Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ506 HITACHI-2SJ506 Datasheet
50Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ526 HITACHI-2SJ526 Datasheet
51Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ527 HITACHI-2SJ527 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com