Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FQD6N25TM Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza FQD6N25TM
Descripción Electrónicos  N-Channel QFET MOSFET 250 V, 4.4 A, 1.0
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD6N25TM Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FQD6N25TM Datasheet HTML 1Page - Fairchild Semiconductor FQD6N25TM Datasheet HTML 2Page - Fairchild Semiconductor FQD6N25TM Datasheet HTML 3Page - Fairchild Semiconductor FQD6N25TM Datasheet HTML 4Page - Fairchild Semiconductor FQD6N25TM Datasheet HTML 5Page - Fairchild Semiconductor FQD6N25TM Datasheet HTML 6Page - Fairchild Semiconductor FQD6N25TM Datasheet HTML 7Page - Fairchild Semiconductor FQD6N25TM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
©2011 Fairchild Semiconductor Corporation
FQD6N25 Rev. C1
www.fairchildsemi.com
7
Mechanical Dimensions
Figure 16. TO252 (D-PAK), Molded, 3-Lead, Option AA&AB
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specif-
ically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/package/packageDetails.html?id=PN_TT252-003


Número de pieza similar - FQD6N25TM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FQD6N25 FAIRCHILD-FQD6N25 Datasheet
724Kb / 9P
   250V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQD6N25 ISC-FQD6N25 Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-08
logo
Fairchild Semiconductor
FQD6N25 FAIRCHILD-FQD6N25_08 Datasheet
804Kb / 9P
   250V N-Channel MOSFET
More results

Descripción similar - FQD6N25TM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
UF624 UTC-UF624 Datasheet
206Kb / 6P
   4.4 A, 250 V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FQD1N80TF FAIRCHILD-FQD1N80TF Datasheet
760Kb / 9P
   N-Channel QFET MOSFET 800 V, 1.0 A, 20
FQNL2N50BTA FAIRCHILD-FQNL2N50BTA Datasheet
786Kb / 8P
   N-Channel QFET MOSFET 500 V, 0.35 A, 5.3
FQD5N20LTM FAIRCHILD-FQD5N20LTM Datasheet
863Kb / 8P
   N-Channel QFET MOSFET 200 V, 3.8 A, 1.2
FQD4N20TF FAIRCHILD-FQD4N20TF Datasheet
781Kb / 8P
   N-Channel QFET MOSFET 200 V, 3.0 A, 1.4
FQD6N50CTM FAIRCHILD-FQD6N50CTM Datasheet
547Kb / 8P
   N-Channel QFET MOSFET 500 V, 4.5 A, 1.2
FQB5N90 FAIRCHILD-FQB5N90_13 Datasheet
709Kb / 9P
   N-Channel QFET MOSFET
FQT7N10TF FAIRCHILD-FQT7N10TF Datasheet
628Kb / 8P
   N-Channel QFET MOSFET
FQD4N25TM FAIRCHILD-FQD4N25TM Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
FQU13N10TU FAIRCHILD-FQU13N10TU Datasheet
867Kb / 8P
   N-Channel QFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com