Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KSD227GBU Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza KSD227GBU
Descripción Electrónicos  Low Frequency Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSD227GBU Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KSD227GBU Datasheet HTML 1Page - Fairchild Semiconductor KSD227GBU Datasheet HTML 2Page - Fairchild Semiconductor KSD227GBU Datasheet HTML 3Page - Fairchild Semiconductor KSD227GBU Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A2, September 2002
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Base-Emitter On Voltage
Figure 5. Collector Output Capacitance
Figure 6. Current Gain Bandwidth Product
012
3456789
10
0
5
10
15
20
25
30
35
40
45
50
I
B = 450µA
I
B = 350µA
I
B = 400µA
I
B = 300µA
I
B = 200µA
I
B = 150µA
I
B = 100µA
I
B = 250µA
I
B = 50µA
V
CE[V], COLLECTOR-EMITTER VOLTAGE
1
10
100
1000
10
100
1000
VCE = 1V
IC[mA], COLLECTOR CURRENT
0.1
1
10
100
0.01
0.1
1
10
IC = 10 IB
VCE(sat)
VBE(sat)
IC[mA], COLLECTOR CURRENT
0.0
0.2
0.4
0.6
0.8
1.0
20
40
60
80
100
VCE = 1V
VBE[V], BASE-EMITTER VOLTAGE
1
10
100
300
1
10
20
IE = 0
f = 1MHz
VCB [V], COLLECTOR-BASE VOLTAGE
110
100
10
100
1000
VCE = 5V
IC[mA], COLLECTOR CURRENT


Número de pieza similar - KSD227GBU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KSD227 SAMSUNG-KSD227 Datasheet
72Kb / 2P
   NPN (LOW FREQUENCY POWER AMPLIFIER)
logo
Fairchild Semiconductor
KSD227 FAIRCHILD-KSD227 Datasheet
40Kb / 4P
   Low Frequency Power Amplifier
logo
Foshan Blue Rocket Elec...
KSD227 FOSHAN-KSD227 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
More results

Descripción similar - KSD227GBU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KSB1366 FAIRCHILD-KSB1366 Datasheet
50Kb / 4P
   LOW FREQUENCY POWER AMPLIFIER
KSB834W FAIRCHILD-KSB834W Datasheet
28Kb / 3P
   Low Frequency Power Amplifier
KSD1589 FAIRCHILD-KSD1589 Datasheet
44Kb / 4P
   Low Frequency Power Amplifier
KSD261 FAIRCHILD-KSD261 Datasheet
38Kb / 4P
   Low Frequency Power Amplifier
KSD568 FAIRCHILD-KSD568 Datasheet
42Kb / 4P
   Low Frequency Power Amplifier
logo
Hitachi Semiconductor
2SJ48 HITACHI-2SJ48 Datasheet
192Kb / 3P
   LOW FREQUENCY POWER AMPLIFIER
2SB1401 HITACHI-2SB1401 Datasheet
34Kb / 5P
   Low frequency power amplifier
2SB856 HITACHI-2SB856 Datasheet
323Kb / 2P
   LOW FREQUENCY POWER AMPLIFIER
logo
Fairchild Semiconductor
KSC3488 FAIRCHILD-KSC3488 Datasheet
39Kb / 4P
   Low Frequency Power Amplifier
KSB1015YTU FAIRCHILD-KSB1015YTU Datasheet
55Kb / 4P
   Low Frequency Power Amplifier
logo
Unisonic Technologies
TA8227AP UTC-TA8227AP_15 Datasheet
333Kb / 9P
   LOW FREQUENCY POWER AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com