Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STC6614 Datasheet(PDF) 1 Page - Stanson Technology

No. de pieza STC6614
Descripción Electrónicos  N&P Pair Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STANSON [Stanson Technology]
Página de inicio  http://www.stansontech.com
Logo STANSON - Stanson Technology

STC6614 Datasheet(HTML) 1 Page - Stanson Technology

  STC6614 Datasheet HTML 1Page - Stanson Technology STC6614 Datasheet HTML 2Page - Stanson Technology STC6614 Datasheet HTML 3Page - Stanson Technology STC6614 Datasheet HTML 4Page - Stanson Technology STC6614 Datasheet HTML 5Page - Stanson Technology STC6614 Datasheet HTML 6Page - Stanson Technology STC6614 Datasheet HTML 7Page - Stanson Technology STC6614 Datasheet HTML 8Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STC6614
N&P Pair Enhancement Mode MOSFET
7.0A / -5.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2007, Stanson Corp.
STC6614 2010. V1
DESCRIPTION
The STC6614 is the N & P-Channel enhancement mode power field effect transistor using high cell density
DMOS trench technology. This high density process is especially tailored to minimize on-state resistance
and provide superior switching performance. This device is particularly suited for low voltage application
such as notebook computer power management and other battery powered circuits, where high-side
switching, low in-line power loss and resistance to transient are needed.
PIN CONFIGURATION
SOP-8
PART MARKING
Y∶Year
A∶Product Code
Q︰Process Code
FEATURE
N-Channel
60V/7.0A, RDS(ON) = 35m (Typ.)
@VGS = 10V
60V/4.0A, RDS(ON) = 40m
@VGS = 4.5V
P-Channel
-60V/-5.0A, RDS(ON) = 60m (Typ.)
@VGS = -10V
-60V/-3.0A, RDS(ON)= 80m
@VGS = -4.5V
Super high density cell design for
extremely low RDS(ON)
Exceptional on-resistance and maximum
DC current capability
SOP-8 package


Número de pieza similar - STC6614

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Stanson Technology
STC6602 STANSON-STC6602 Datasheet
873Kb / 8P
   Dual N&P Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
STC6602 VBSEMI-STC6602 Datasheet
613Kb / 10P
   N- and P-Channel 20V (D-S) MOSFET
logo
Stanson Technology
STC6602ST6RG STANSON-STC6602ST6RG Datasheet
873Kb / 8P
   Dual N&P Channel Enhancement Mode MOSFET
More results

Descripción similar - STC6614

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SYNC POWER Crop.
SPC6605 SYNC-POWER-SPC6605 Datasheet
299Kb / 10P
   N & P Pair Enhancement Mode MOSFET
SPC4533W SYNC-POWER-SPC4533W Datasheet
370Kb / 10P
   N & P Pair Enhancement Mode MOSFET
SPC4533 SYNC-POWER-SPC4533 Datasheet
253Kb / 10P
   N & P Pair Enhancement Mode MOSFET
SPC1810 SYNC-POWER-SPC1810 Datasheet
298Kb / 12P
   N & P Pair Enhancement Mode MOSFET
logo
Stanson Technology
STC4606 STANSON-STC4606 Datasheet
1Mb / 8P
   N&P Pair Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPC4539A SYNC-POWER-SPC4539A Datasheet
308Kb / 11P
   N & P Pair Enhancement Mode MOSFET
SPC6604 SYNC-POWER-SPC6604_14 Datasheet
287Kb / 12P
   N & P Pair Enhancement Mode MOSFET
SPC4539 SYNC-POWER-SPC4539 Datasheet
272Kb / 11P
   N & P Pair Enhancement Mode MOSFET
SPC6601 SYNC-POWER-SPC6601 Datasheet
264Kb / 11P
   N & P Pair Enhancement Mode MOSFET
SPC6602 SYNC-POWER-SPC6602 Datasheet
265Kb / 11P
   N & P Pair Enhancement Mode MOSFET
logo
Stanson Technology
STC6301D STANSON-STC6301D Datasheet
922Kb / 8P
   N&P Pair Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com