Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM79XX Datasheet(PDF) 7 Page - E-Tech Electronics LTD

No. de pieza LM79XX
Descripción Electrónicos  3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETL [E-Tech Electronics LTD]
Página de inicio  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

LM79XX Datasheet(HTML) 7 Page - E-Tech Electronics LTD

  LM79XX Datasheet HTML 1Page - E-Tech Electronics LTD LM79XX Datasheet HTML 2Page - E-Tech Electronics LTD LM79XX Datasheet HTML 3Page - E-Tech Electronics LTD LM79XX Datasheet HTML 4Page - E-Tech Electronics LTD LM79XX Datasheet HTML 5Page - E-Tech Electronics LTD LM79XX Datasheet HTML 6Page - E-Tech Electronics LTD LM79XX Datasheet HTML 7Page - E-Tech Electronics LTD LM79XX Datasheet HTML 8Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LM79XX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R101-007.H
ELECTRICAL CHARACTERISTICS(Cont.)
For UTC LM7924
(VIN=-33V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
TJ=25C -23.04
-24
-24.96
V
VIN=-27V~-38V
IOUT=5mA~1A, PD≦15W
-22.80
-25.20
V
Dropout Voltage
VD
IOUT=1.0A
TJ=25C
2
V
Line Regulation
VOUT
VIN=-27V~-38V
TJ=25C
15
480
mV
VIN=-30V~-36V
TJ=25C
8
240
mV
Load Regulation
VOUT
IOUT=5mA~1A
TJ=25C
15
480
mV
IOUT=250mA~750mA
TJ=25C
5.0
240
mV
Quiescent Current
IQ
TJ=25C
3
6
mA
Quiescent Current Change
IQ
IOUT=5mA~1A
0.05
0.5
mA
VIN =-27V~-38V
0.1
1.0
mA
Output Noise Voltage
eN
f=10Hz~100kHz
TA=25C
400
μV
Output Voltage Drift
VOUT/TIOUT=5mA
-1
mV/
C
Ripple Rejection
RR
VIN =-28V~-38V, f=120Hz
54
60
dB
Peak Current
IPEAK
TJ=25C
2.2
A


Número de pieza similar - LM79XX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM79XX NSC-LM79XX Datasheet
167Kb / 10P
   LM79XX Series 3-Terminal Negative Regulators
logo
Fairchild Semiconductor
LM79XX FAIRCHILD-LM79XX Datasheet
194Kb / 15P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
LM79XX ETC-LM79XX Datasheet
50Kb / 6P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM79XX FAIRCHILD-LM79XX Datasheet
117Kb / 15P
   FIXED VOLTAGE REGULATOR (NEGATIVE)
LM79XX FAIRCHILD-LM79XX Datasheet
119Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
More results

Descripción similar - LM79XX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tiger Electronic Co.,Lt...
LM7915J TGS-LM7915J_17 Datasheet
330Kb / 1P
   3-Terminal 1A Negative Voltage Regulator
logo
Fairchild Semiconductor
MC79XX FAIRCHILD-MC79XX_02 Datasheet
119Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
LM79XX UTC-LM79XX_08 Datasheet
218Kb / 7P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79TXXA UTC-79TXXA_11 Datasheet
216Kb / 7P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79XX FAIRCHILD-KA79XX Datasheet
121Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
UTCLM79XX UTC-UTCLM79XX Datasheet
70Kb / 6P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
LM79XX UTC-LM79XX_15 Datasheet
238Kb / 8P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79DXXA UTC-79DXXA_V01 Datasheet
329Kb / 9P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79TXXA UTC-79TXXA_V01 Datasheet
226Kb / 6P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM7905 FAIRCHILD-LM7905 Datasheet
117Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
79TXXA UTC-79TXXA_15 Datasheet
216Kb / 7P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com